Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP06N80C3. Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPP06N80C3.
Description  Cool MOS??Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP06N80C3. Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPP06N80C3. Datasheet HTML 1Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 2Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 3Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 4Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 5Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 6Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 7Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 8Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 2.6
Page 4
2007-08-30
SPP06N80C3
SPA06N80C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
6
A
Inverse diode direct current,
pulsed
ISM
-
-
18
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=400V, IF=IS ,
diF/dt=100A/µs
-
520
-
ns
Reverse recovery charge
Qrr
-
5
-
µC
Peak reverse recovery current
Irrm
-
18
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
400
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPA
SPA
Rth1
0.024
0.024
K/W
Cth1
0.0001172
0.0001172
Ws/K
Rth2
0.048
0.048
Cth2
0.000447
0.000447
Rth3
0.083
0.086
Cth3
0.0006303
0.0006303
Rth4
0.309
0.195
Cth4
0.001828
0.001828
Rth5
0.317
0.451
Cth5
0.004786
0.007578
Rth6
0.112
2.51
Cth6
0.046
0.412
SPP
SPP
External Heatsink
Tj
Tcase
Tamb
C th1
Cth2
Rth1
Rth,n
Cth,n
Ptot (t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com