Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP06N80C3. Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPP06N80C3.
Description  Cool MOS??Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP06N80C3. Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPP06N80C3. Datasheet HTML 4Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 5Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 6Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 7Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 8Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 9Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 10Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 11Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev. 2.6
Page 8
2007-08-30
SPP06N80C3
SPA06N80C3
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP06N80C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
1
2
3
4
A
6
TJ(Start) = 25°C
TJ(Start) = 125°C
15 Avalanche energy
EAS = f (Tj)
par.: ID = 1.2 A, VDD = 50 V
25
50
75
100
°C
150
Tj
0
25
50
75
100
125
150
175
200
mJ
250
16 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
720
740
760
780
800
820
840
860
880
900
920
940
V
980
SPP06N80C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com