Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP06N80C3. Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP06N80C3.
Description  Cool MOS??Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP06N80C3. Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP06N80C3. Datasheet HTML 1Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 2Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 3Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 4Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 5Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 6Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 7Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 8Page - Infineon Technologies AG SPP06N80C3. Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 2.6
Page 5
2007-08-30
SPP06N80C3
SPA06N80C3
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
10
20
30
40
50
60
70
80
W
100
SPP06N80C3
2 Power dissipation FullPAK
Ptot = f (TC)
0
20
40
60
80
100
120
°C 160
TC
0
5
10
15
20
25
30
W
40
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
4 Safe operating area FullPAK
ID = f (VDS)
parameter: D = 0, TC = 25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
tp = 10 ms
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com