Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8136IPHPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS8136IPHPR
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8136IPHPR Datasheet(HTML) 1 Page - Texas Instruments

  THS8136IPHPR Datasheet HTML 1Page - Texas Instruments THS8136IPHPR Datasheet HTML 2Page - Texas Instruments THS8136IPHPR Datasheet HTML 3Page - Texas Instruments THS8136IPHPR Datasheet HTML 4Page - Texas Instruments THS8136IPHPR Datasheet HTML 5Page - Texas Instruments THS8136IPHPR Datasheet HTML 6Page - Texas Instruments THS8136IPHPR Datasheet HTML 7Page - Texas Instruments THS8136IPHPR Datasheet HTML 8Page - Texas Instruments THS8136IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
THS8136
www.ti.com ........................................................................................................................................................................................... SLES236 – NOVEMBER 2008
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
• Graphics and Video Generation
2
• Triple 10-Bit Digital-to-Analog Converters
(DACs)
• High-Resolution Image Processing
• Generic Triple D/A Converter
• 180-MSPS Operation
• Direct Drive of Double-Terminated 75-Ω Load
Into Standard Video Levels
• Bi-Level Sync and Blank Level Generation
• Internal Voltage Reference
• Low-Power Operation From 3.3-V Analog and
1.8-V Digital Supply Levels
• 1.8-V Compatible Inputs
The THS8136 is a general-purpose triple high-speed digital-to-analog (D/A) converter optimized for use in
video/graphics applications. The device operates from 3.3-V analog and 1.8-V digital supplies with D/A converter
performance assured at sampling rates up to 180 MHz. The THS8136 consists of three 10-bit D/A converters
and additional circuitry for bi-level sync and blanking level generation. The current-steering DACs have been
specifically designed to produce standard video output levels when directly connected to a single-ended
double-terminated 75-
Ω coaxial cable.
By providing a dc offset in sync insertion mode, the THS8136 can generate a bi-level sync on the AG DAC
output without sacrificing DAC resolution. Support is also provided for insertion of RGB or YPbPr reference or
blanking levels, irrespective of the the DAC input codes. A generic DAC mode is provided for applications not
requiring sync generation. All digital inputs are 1.8-V compatible.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
Tray
THS8136PHP
0°C to 70°C
PowerPAD™ TQFP-48 – PHP
Tape and reel
THS8136PHPR
Tray
THS8136IPHP
–40°C to 85°C
PowerPAD™ TQFP-48 – PHP
Tape and reel
THS8136IPHPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS8136IPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8136IPHPR TI2-THS8136IPHPR Datasheet
628Kb / 20P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
REVISED APRIL 2013
THS8136IPHPR.A TI2-THS8136IPHPR.A Datasheet
628Kb / 20P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
REVISED APRIL 2013
THS8136IPHPRQ1 TI2-THS8136IPHPRQ1 Datasheet
628Kb / 20P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
REVISED APRIL 2013
More results

Similar Description - THS8136IPHPR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.A
logo
Texas Instruments
THS8083A TI-THS8083A Datasheet
267Kb / 64P
TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
logo
Texas Instruments
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com