Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8136IPHPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS8136IPHPR
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8136IPHPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS8136IPHPR Datasheet HTML 7Page - Texas Instruments THS8136IPHPR Datasheet HTML 8Page - Texas Instruments THS8136IPHPR Datasheet HTML 9Page - Texas Instruments THS8136IPHPR Datasheet HTML 10Page - Texas Instruments THS8136IPHPR Datasheet HTML 11Page - Texas Instruments THS8136IPHPR Datasheet HTML 12Page - Texas Instruments THS8136IPHPR Datasheet HTML 13Page - Texas Instruments THS8136IPHPR Datasheet HTML 14Page - Texas Instruments THS8136IPHPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ANALOG (DAC) OUTPUTS ELECTRICAL CHARACTERISTICS
THS8136
www.ti.com ........................................................................................................................................................................................... SLES236 – NOVEMBER 2008
over recommended operating conditions, fCLK = 180 MHz, use of internal reference voltage VREF, RFS = RFS(nom),
37.5-
Ω load termination (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC resolution
10
Bits
Static, best fit, RGB with sync insertion (700 +
-1/1 –2.5/1.5
sync)
INL
Integral nonlinearity
LSB
Static, best fit, generic mode, 1.2 V output range
–1/1
Static, RGB with sync insertion (700 + sync)
–0.4/0.4
±1
DNL
Differential nonlinearity
LSB
Static, generic mode, 1.2 V output range
-0.4/0.4
Power supply ripple rejection ratio of
PSRR
f = DC(1)
38.5
dB
DAC output (full scale)
Vrefo
Voltage reference output
1.12
1.16
1.20
V
RR
VREF output resistance
284
Ω
KIMBAL
Imbalance between DACs(2)
CLK = 80 MSPS, video mode
–2
1.8
2
%
VOC
DAC output compliance voltage
0.7
1.2
V
Generic DAC mode
CLK = 80 MSPS(3)
18
18.67
19.5
IFS
mA
RGB with sync insertion enabled
CLK = 80 MSPS(3)
27
28
29.3
tRDAC
DAC output current rise time
CLK = 80 MSPS, 10 to 90% of full scale(4)
2.8
3.3
3.6
ns
tFDAC
DAC output current fall time
CLK = 80 MSPS, 10 to 90% of full scale(4)
2.8
3.3
3.6
ns
Measured from CLK = VIH(min) to 50% of
td(A)
Analog output delay
4.5
ns
full-scale transition(5)
Measured from 50% of full scale transition on
tS
Analog output settling time
15
ns
output to output settling, within 2%(4)
(1)
PSRR is measured with a 0.1-
µF capacitor between the COMP and AV
DD pins and with a 0.1-µF capacitor connected between the VREF
and AVSS pins. The ripple amplitude is within the range 100 mVp-p to 500 mVp-p with the DAC output set to full scale and a
double-terminated 75
Ω (= 37.5 Ω) load. PSRR is defined as 20 × log(ripple voltage at DAC output/ripple voltage at AVDD input). Limits
are from characterization only.
(2)
The imbalance between DACs applies to all possible pairs of the three DACs.
(3)
Values at RFS = RFS(nom)
(4)
From characterization only. Measured on the AG channel with RFS = RFS(nom).
(5)
This value excludes the digital process delay, tD(D). Limit are from characterization only.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com