Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8136IPHPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS8136IPHPR
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8136IPHPR Datasheet(HTML) 3 Page - Texas Instruments

  THS8136IPHPR Datasheet HTML 1Page - Texas Instruments THS8136IPHPR Datasheet HTML 2Page - Texas Instruments THS8136IPHPR Datasheet HTML 3Page - Texas Instruments THS8136IPHPR Datasheet HTML 4Page - Texas Instruments THS8136IPHPR Datasheet HTML 5Page - Texas Instruments THS8136IPHPR Datasheet HTML 6Page - Texas Instruments THS8136IPHPR Datasheet HTML 7Page - Texas Instruments THS8136IPHPR Datasheet HTML 8Page - Texas Instruments THS8136IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
THS8136
www.ti.com ........................................................................................................................................................................................... SLES236 – NOVEMBER 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AB
45
O
Analog blue current output, capable of directly driving a double terminated 75-
Ω coaxial cable
AG
41
O
Analog green current output, capable of directly driving a double terminated 75-
Ω coaxial cable
AR
43
O
Analog red current output, capable of directly driving a double terminated 75-
Ω coaxial cable
AVDD
40, 44
I
Analog power supply (3.3 V). All AVDD pins must be connected.
AVSS
42, 46
I
Analog ground
SYNC
24
I
Sync insertion input. Active low. When asserted, the G output is forced to the bottom sync tip level.
Connect to DVSS (GND) or logic low to enable bi-level sync insertion. Connect to DVDD (1.8 V) or logic high
SYNC-T
25
I
for generic DAC applications not requiring sync insertion.
Connect to DVSS (GND) or logic 0 for RGB blanking level operation. Connect to the SYNC control input for
M2
48
I
YPbPr video operation.
M1
47
I
Must be tied to DVSS (GND) or logic 0 for normal operation.
B0
10
B1
9
B2
8
B3
7
B4
6
Blue or (Pb) pixel data input. Signals with index 0 denote the least significant bit. Unused inputs should be
I
B5
5
connected to DVSS(GND).
B6
4
B7
3
B8
2
B9
1
Blanking control input, active low. A rising edge on CLK latches BLANK. When asserted, the AR, AG, and AB
BLANK
23
I
outputs are driven to the reference blanking level, regardless of the value on the data inputs.
CLK
26
I
Clock input. A rising edge on CLK latches R0–R9, G0–G9, B0–B9, and BLANK.
COMP
39
O
Compensation terminal. A 0.1-
µF capacitor must be connected between COMP and AV
DD.
DVDD
12
I
Digital power supply (1.8 V)
DVSS
11
I
Digital ground
Full-scale adjust control. The full-scale current drive on each of the output channels is determined by the
FSADJ
38
I
value of a resistor RFS connected between this terminal and AVSS. Figure 3 shows the relationship between
full-scale output voltage compliance and RFS for the nominal DAC termination of 37.5 Ω.
G0
36
G1
35
G2
34
G3
33
G4
32
Green (or Y) pixel data input. Signals with index 0 denote the least significant bit. Unused inputs should be
I
G5
31
connected to DVSS(GND).
G6
30
G7
29
G8
28
G9
27
R0
13
R1
14
R2
15
R3
16
R4
17
Red (or Pr) pixel data input. Signals with index 0 denote the least significant bit. Unused inputs should be
I
R5
18
connected to DVSS(GND).
R6
19
R7
20
R8
21
R9
22
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com