Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0410NF Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0410NF
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410NF Datasheet(HTML) 2 Page - STMicroelectronics

  Z0410NF Datasheet HTML 1Page - STMicroelectronics Z0410NF Datasheet HTML 2Page - STMicroelectronics Z0410NF Datasheet HTML 3Page - STMicroelectronics Z0410NF Datasheet HTML 4Page - STMicroelectronics Z0410NF Datasheet HTML 5Page - STMicroelectronics Z0410NF Datasheet HTML 6Page - STMicroelectronics Z0410NF Datasheet HTML 7Page - STMicroelectronics Z0410NF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
Z04
2/8
1
Characteristics
Table 2.
Electrical Characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Z04
Unit
02
05
09
10
IGT
(1)
1.
minimum IGT is guaranted at 5% of IGT max.
VD = 12 V RL = 30 Ω
I - II - III - IV
MAX
.
35
10
25
mA
VGT
ALL
MAX
.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
ALL
MIN.
0.2
V
IH
(2)
2.
for both polarities of A2 referenced to A1.
IT = 50 mA
MAX
.
35
10
25
mA
IL
IG = 1.2 IGT
I - III - IV
MAX
.
610
15
25
mA
II
12
15
25
50
dV/dt (2)
VD = 6 % VDRM gate open Tj = 110° C
MIN.
10
20
100
200
V/µs
(dV/dt)c (2) (dI/dt)c = 1.8 A/ms
Tj = 110° C
MIN.
0.5
1
2
5
V/µs
Table 3.
Static Characteristics
Symbol
Test Conditions
Value
Unit
VTM
(1)
1.
for both polarities of A2 referenced to A1.
ITM = 5.5 A
tp = 380 µs
Tj = 25° C
MAX.
2.0
V
Vto
(1)
Threshold voltage
Tj = 125° C
MAX.
0.95
V
Rd
(1)
Dynamic resistance
Tj = 125° C
MAX.
180
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX.
5µA
Tj = 125° C
0.5
mA
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-I)
Junction to lead (AC)
15
° C/W
Rth(j-a)
Junction to ambient
100
° C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com