Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0410NF Datasheet(PDF) 3 Page - STMicroelectronics

Part # Z0410NF
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410NF Datasheet(HTML) 3 Page - STMicroelectronics

  Z0410NF Datasheet HTML 1Page - STMicroelectronics Z0410NF Datasheet HTML 2Page - STMicroelectronics Z0410NF Datasheet HTML 3Page - STMicroelectronics Z0410NF Datasheet HTML 4Page - STMicroelectronics Z0410NF Datasheet HTML 5Page - STMicroelectronics Z0410NF Datasheet HTML 6Page - STMicroelectronics Z0410NF Datasheet HTML 7Page - STMicroelectronics Z0410NF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Z04
Characteristics
3/8
Figure 1.
Maximum power dissipation
versus RMS on-state current
(full cycle)
Figure 2.
RMS on-state current versus
ambient temperature (full cycle)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
7
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
(A)
T(RMS)
R
= 100°C/W
th(j-a)
R=
th(j-a)
Rth(j-l)
T
(°C)
amb
Figure 3.
Relative variation of thermal
impedance versus pulse
duration
Figure 4.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
I, I , I [T ] /
GTHL
j
I
, I , I [T =25°C]
GTHL
j
T (°C)
j
IGT
IH &IL
Figure 5.
Surge peak on-state current
versus number of cycles
Figure 6.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
1
10
100
1000
0
5
10
15
20
25
One cycle
t=20ms
I
(A)
TSM
Number of cycles
Non repetitive
T initial = 25°C
j
Repetitive
T
= 25°C
amb
0.01
0.10
1.00
10.00
1
10
100
500
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com