Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0410NF Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z0410NF
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410NF Datasheet(HTML) 4 Page - STMicroelectronics

  Z0410NF Datasheet HTML 1Page - STMicroelectronics Z0410NF Datasheet HTML 2Page - STMicroelectronics Z0410NF Datasheet HTML 3Page - STMicroelectronics Z0410NF Datasheet HTML 4Page - STMicroelectronics Z0410NF Datasheet HTML 5Page - STMicroelectronics Z0410NF Datasheet HTML 6Page - STMicroelectronics Z0410NF Datasheet HTML 7Page - STMicroelectronics Z0410NF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
Z04
4/8
Figure 7.
On-state characteristics
(maximum values)
Figure 8.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Figure 9.
Relative variation of critical
rate of decrease of main current
versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
20.0
I
(A)
TM
V
(V)
TM
T =
max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =180 m
t0
d
Ω
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
Z0402
Z0409
Z0410
Z0405
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com