Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1180ACSW Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1180ACSW
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1180ACSW Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1180ACSW Datasheet HTML 1Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 2Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 3Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 4Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 5Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 6Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 7Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 8Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1180A/LT1181A
11801afb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LOAD CAPACITANCE (nF)
0
12
16
4.0
LT1180A • TPC11
8
4
0
1.0
2.0
3.0
5.0
10
14
6
2
3.5
0.5
1.5
2.5
4.5
+SLEW
–SLEW
LT1180A • TPC13
LT1180A • TPC12
INPUT
DRIVER OUTPUT
RL = 3k
DRIVER OUTPUT
RL = 3k
CL = 2500pF
DRIVER 1
OUTPUT
ON/OFF PIN
Shutdown to Driver Outputs
Driver Output Waveforms
10V
5V
GND
GND
– 10V
–5V
DRIVER 2
OUTPUT
Slew Rate vs Load Capacitance
Receiver Short-Circuit Current
PI FU CTIO S
V+: Positive Supply Output (RS232 Drivers). V+
≈ 2VCC –
1.5V. This pin requires an external charge storage capaci-
tor C
≥ 0.1µF, tied to ground or VCC. Larger value capaci-
tors may be used to reduce supply ripple. With multiple
transceivers, the V+ and V – pins may be paralleled into
common capacitors.
V–: Negative Supply Output (RS232 Drivers). V –
≈ –(2VCC
– 2.5V). This pin requires an external charge storage
capacitor C
≥ 0.1µF. Larger value capacitors may be used
to reduce supply ripple. With multiple transceivers, the V+
and V – pins may be paralleled into common capacitors.
TEMPERATURE (
°C)
–55
0
20
50
0
50
75
LT1180A • TPC10
10
40
30
–25
25
100
125
RX ISC
–
RX ISC
+
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor close to the package pin.
Insufficient supply bypassing can result in low output
drive levels and erratic charge pump operation.
GND: Ground Pin.
ON/OFF: A TTL/CMOS Compatible Operating Mode Con-
trol. A logic low puts the LT1180A in shutdown mode.
Supply current drops to zero and both driver and receiver
outputs assume a high impedance state. A logic high fully
enables the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com