Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1180ACSW Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1180ACSW
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1180ACSW Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1180ACSW Datasheet HTML 4Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 5Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 6Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 7Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 8Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 9Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 10Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 11Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1180A/LT1181A
11801afb
PACKAGE DESCRIPTIO
J18 1298
0.015 – 0.060
(0.380 – 1.520)
0.100
(2.54)
BSC
0.014 – 0.026
(0.360 – 0.660)
0.045 – 0.065
(1.143 – 1.651)
0.200
(5.080)
MAX
0.125
(3.175)
MIN
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
1
2
3
4
56
78
0.220 – 0.310
(5.590 – 7.870)
0.960
(24.384)
MAX
0.005
(0.127)
MIN
16
13
9
10
11
12
14
15
17
18
0.025
(0.635)
RAD TYP
0.300 BSC
(0.762 BSC)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
J16 1298
0.015 – 0.060
(0.380 – 1.520)
0.100
(2.54)
BSC
0.014 – 0.026
(0.360 – 0.660)
0.045 – 0.065
(1.143 – 1.651)
0.200
(5.080)
MAX
0.125
(3.175)
MIN
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
1
23
4
5
6
78
0.220 – 0.310
(5.588 – 7.874)
0.840
(21.336)
MAX
0.005
(0.127)
MIN
16
13
9
10
11
12
14
15
0.025
(0.635)
RAD TYP
0.300 BSC
(0.762 BSC)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
J Package
16-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
J Package
18-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
OBSOLETE PACKAGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com