Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1180ACSW Datasheet(PDF) 12 Page - Linear Integrated Systems

Part # LT1180ACSW
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1180ACSW Datasheet(HTML) 12 Page - Linear Integrated Systems

Back Button LT1180ACSW Datasheet HTML 4Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 5Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 6Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 7Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 8Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 9Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 10Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 11Page - Linear Integrated Systems LT1180ACSW Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1180A/LT1181A
11801afb
© LINEAR TECHNOLOGY CORPORATION 1994
LT/CPI 11/01 REV B 1.5K • PRINTED IN USA
APPLICATI
TYPICAL
PART NUMBER
DESCRIPTION
COMMENTS
LT1280A/LT1281A
5V 2-Driver/2-Receiver RS232 Transceivers
Pin Compatible with LT1180A/LT1181A, ICC = 10mA Max
LT1381
5V 2-Driver/2-Receiver RS232 Transceiver
Narrow 16-Pin SO Package
LT1780/LT1781
5V 2-Driver/2-Receiver RS232 Transceivers
IEC 1000-4-2 Level 4 Compliance
Operation Using 5V and 12V Power Supplies
RELATED PARTS
5k
5k
LOGIC INPUTS
LOGIC OUTPUTS
ON/OFF
18
10
13
11
12
6
5
4
2
16
9
14
8
15
7
3
17
5V INPUT
–12VOUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
LT1180A • TA03
LT1180A
12V INPUT
0.1
µF
+
0.1
µF
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com