Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1024MD Datasheet(PDF) 7 Page - Linear Technology

Part # LT1024MD
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024MD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1024MD Datasheet HTML 3Page - Linear Technology LT1024MD Datasheet HTML 4Page - Linear Technology LT1024MD Datasheet HTML 5Page - Linear Technology LT1024MD Datasheet HTML 6Page - Linear Technology LT1024MD Datasheet HTML 7Page - Linear Technology LT1024MD Datasheet HTML 8Page - Linear Technology LT1024MD Datasheet HTML 9Page - Linear Technology LT1024MD Datasheet HTML 10Page - Linear Technology LT1024MD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1024
1024fa
The LT1024 may be inserted directly into OP-10, OP-207
or 0P227 sockets with or without removal of external
nulling components.
The LT1024 is specified over a wide range of power supply
voltages from ±2V to ±18V. Operation with lower supplies
is possible down to ±1.2V (two NiCad batteries).
Advantages of Matched Dual Op Amps
In many applications, the performance of a system
depends on the matching between two operational
amplifiers rather than the individual characteristics of the
two op amps. Two or three op amp instrumentation
amplifiers, tracking voltage references, and low drift active
filters are some of the circuits requiring matching between
two op amps.
The well-known triple op amp configuration illustrates
these concepts. Output offset is a function of the dif-
ference between the offsets of the two halves of the
LT1024. This error cancellation principle holds for a
considerable number of input-referred parameters in
addition to offset voltage and its drift with temperature.
Input bias current will be the average of the two
noninverting input currents (IB+ ). The difference between
these two currents (IOS+) is the offset current of the
instrumentation amplifier. Common mode and power
supply rejections will be dependent only on the match
between the two amplifiers (assuming perfect resistor
matching).
The concepts of common mode and power supply rejec-
tion ratio match (∆CMRR and ∆PSRR) are best demon-
strated with a numerical example:
Assume CMRRA = +1.0µV/V or 120dB
and CMRRB = +0.5µV/V or 126dB,
then ∆CMRR = 0.5µV/V or 126dB
if CMRRB = –0.5µV/V, which is still 126dB,
then ∆CMRR = 1.5µV/V or 116.5dB.
Typical performance of the instrumentation amplifier:
Input offset voltage = 25µV.
Input bias current = 30pA.
Input resistance = 1012Ω.
Input offset current = 30pA.
Input noise = 0.7µVP-P.
Power bandwidth (VO = ±10V) = 80kHz.
Clearly, the LT1024, by specifying and guaranteeing all of
these matching parameters, can significantly improve the
performance of matching dependent circuits.
Three Op Amp Instrumentation Amplifier
LT1024 • AI01
TRIM R8 FOR GAIN
TRIM R9 FOR DC COMMON MODE REJECTION
TRIM R10 FOR AC COMMON MODE REJECTION
3
2
3
4
11
10
5
6
7
4
6
7
12
OUTPUT
13
14
R4
100Ω
1%
R6
10k
1%
R5
100Ω
1%
R1
10k
1%
R3
2.1k
1%
R7
9.76k
1%
R2
10k
1%
R10
100k
R9
500Ω
R8
200Ω
C1
100pF
LT1037
A
1/2 LT1024
B
1/2 LT1024
–INPUT
+INPUT
15V
15V
–15V
–15V
15V
–15V
GAIN = 1000
–
+
–
+
–
+
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com