Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1024MD Datasheet(PDF) 5 Page - Linear Technology

Part # LT1024MD
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024MD Datasheet(HTML) 5 Page - Linear Technology

  LT1024MD Datasheet HTML 1Page - Linear Technology LT1024MD Datasheet HTML 2Page - Linear Technology LT1024MD Datasheet HTML 3Page - Linear Technology LT1024MD Datasheet HTML 4Page - Linear Technology LT1024MD Datasheet HTML 5Page - Linear Technology LT1024MD Datasheet HTML 6Page - Linear Technology LT1024MD Datasheet HTML 7Page - Linear Technology LT1024MD Datasheet HTML 8Page - Linear Technology LT1024MD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1024
1024fa
FREQUENCY (Hz)
1
140
120
100
80
60
40
20
0
1k
100k
10
100
10k
1M
VS = ±15V
TA = 25°C
LT1024 • TPC10
CMRR
MATCH
(
∆CMRR)
TIME (SECONDS)
0
8
2
4
6
10
TA = 25°C
VS ±2V TO ± 20V
LT1024 • TPC07
Offset Voltage Drift and
Tracking with Temperatures of
Representative Units
0
3
4
5
4
2
1
0
1
2
3
5
TIME AFTER POWER ON (MINUTES)
VS = ±15V
TA = 25°C
LT1024 • TPC04
Warm-Up Drift
Input Bias Current Over
Common Mode Range
Supply Current vs Supply
Voltage per Amplifier
0.1Hz to 10Hz Noise
Noise Spectrum
Total Noise vs Source
Resistance
Common Mode Rejection and
CMRR Match vs Frequency
COMMON MODE INPUT VOLTAGE (V)
–15
–60
–40
–20
0
20
60
–10
–5
0
5
10
15
40
VS = ±15V
TA = 25°C
DEVICE WITH POSITIVE
INPUT CURRENT
DEVICE WITH NEGATIVE
INPUT CURRENT
RIN CM = 2 x 10
12Ω
LT1024 • TPC03
IB
VCM
–
+
–50
20
40
60
25
75
0
–20
–25
0
50
100
125
–40
–60
TEMPERATURE (°C)
LT1024 • TPC05
INDIVIDUAL AMPLIFIERS
TRACKING (MATCH DRIFT)
VS = ±15V
2
1
1
2
2
2
1
SUPPLY VOLTAGE (V)
0
400
± 20
25°C
125°C
–55°C
300
± 5
±10
±15
500
LT1024 • TPC06
Power Supply Rejection vs
Frequency
FREQUENCY (Hz)
0.1
100
120
140
100
10k
80
60
110
1k
100k
1M
40
20
VS = ±15V
TA = 25°C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
LT1024 • TPC11
SOURCE RESISTANCE (
Ω)
102
103
104
105
106
107
0.01
1.0
10.0
108
0.1
TA = 25°C
VS = ±2V TO ± 20V
AT 10Hz
AT 1kHz
RESISTOR NOISE
ONLY
AT 10Hz
LT1024 • TPC09
R
R
RS = 2R
+
–
AT 1kHz
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
TA = 25°C
VS ±2 TO ±20V
1/f CORNER
2.5Hz
CURRENT NOISE
VOLTAGE NOISE
LT1024 • TPC08
1/f CORNER
120Hz
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com