Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1024MD Datasheet(PDF) 9 Page - Linear Technology

Part # LT1024MD
Description  Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1024MD Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1024MD Datasheet HTML 4Page - Linear Technology LT1024MD Datasheet HTML 5Page - Linear Technology LT1024MD Datasheet HTML 6Page - Linear Technology LT1024MD Datasheet HTML 7Page - Linear Technology LT1024MD Datasheet HTML 8Page - Linear Technology LT1024MD Datasheet HTML 9Page - Linear Technology LT1024MD Datasheet HTML 10Page - Linear Technology LT1024MD Datasheet HTML 11Page - Linear Technology LT1024MD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1024
1024fa
Direct Pressure Transducer to Digital Output Signal Conditioner
LT1024 • AI03
330Ω
11
10
5
6
7
LT1024
15V
226k*
120k*
50k
GAIN TRIM
0.01µF
0.0047µF
OUT B
OUT A
–15V
+
–
+
–
LT1024
–15V
–5V
–5V
–15V
15V
15V
TRANSDUCER
ZERO
1% METAL FILM RESISTOR
GATES = 74C00
TRANSDUCER = BLH # DHF-100 PSI
PRESSURE TRANSDUCER
0 – 100 PSI = 0 – 1000
COUNTS FULL-SCALE AT CIRCUIT OUTPUT
*
**
–5V
–15V
15V
10k
10µF
10k*
10k
10k
100k
100k
ADJ
LT137A OUT
VIN
OUTPUT = fOUT A/fOUT B
fCLK ~ 10kHz
2k
620Ω
2N2979
1N4148
2N3904
4
3
12
14
13
2N3904
10k
28k
14k
10k
CLK
Q
PRE
CLR
74C74
Q
D
~
+
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com