Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1070 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1070
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1070 Datasheet HTML 4Page - Linear Technology LT1070 Datasheet HTML 5Page - Linear Technology LT1070 Datasheet HTML 6Page - Linear Technology LT1070 Datasheet HTML 7Page - Linear Technology LT1070 Datasheet HTML 8Page - Linear Technology LT1070 Datasheet HTML 9Page - Linear Technology LT1070 Datasheet HTML 10Page - Linear Technology LT1070 Datasheet HTML 11Page - Linear Technology LT1070 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1070/LT1071
10701fe
TYPICAL APPLICATIONS (Note that maximum output currents are divided by 2 for the LT1071)
Negative Current Boosted Buck Converter
1070/71 TA13
R3
R2
1.24k
Q1
2N3906
R4
12k
C2
C3
R1
MINIMUM
LOAD = 10mA
–VOUT
5V
10A
D1
T1
1:N
R5
•
•
C1
VSW
VC
VIN
–VIN
LT1070
GND
FB
+
+
VOUT – 0.6V
1mA
R1 =
1070/71 TA12
R3
R2
1.24k
*
**
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92113
Q1
2N3906
R1
4.64k
C1
C2
1000
µF
C3
100
µF
VIN
– 20V
– 5.2V
4.5A
D1
L1**
200
µH
VSW
VC
VIN
LT1070
GND
OPTIONAL INPUT
FILTER
FB
LOAD
C4
200
µF
L2
4
µH
OPTIONAL
OUTPUT
FILTER
+
+
+
L3
Negative Buck Converter
Positive Buck Converter
R2
1.24k
R4
10
Ω
100mA
MINIMUM
1070/71 TA14
5V
4.5A
R3
470
Ω
C1
1
µF
D1
r
+
C3
2.2
µF
+
C5*
100
µF
+
C2
1
µF
+
C4
1000
µF
L1**
100
µH
VSW
VC
VIN
VIN
LT1070
R1
3.74k
D2
1N914
GND
FB
D3
L2
4
µH
C5
200
µF
OPTIONAL
OUTPUT
FILTER
*
**
REQUIRED IF INPUT LEADS
≥2"
PULSE ENGINEERING 92112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com