Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1070 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1070
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070 Datasheet(HTML) 5 Page - Linear Technology

  LT1070 Datasheet HTML 1Page - Linear Technology LT1070 Datasheet HTML 2Page - Linear Technology LT1070 Datasheet HTML 3Page - Linear Technology LT1070 Datasheet HTML 4Page - Linear Technology LT1070 Datasheet HTML 5Page - Linear Technology LT1070 Datasheet HTML 6Page - Linear Technology LT1070 Datasheet HTML 7Page - Linear Technology LT1070 Datasheet HTML 8Page - Linear Technology LT1070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
10701fe
5
LT1070/LT1071
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
(Shutdown Mode)
Driver Current* vs Switch Current
SWITCH CURRENT (A)
0
160
140
120
100
80
60
40
20
0
4
1070/71 G10
1
*
23
5
TJ ≥ 25°C
AVERAGE LT1070 POWER SUPPLY CURRENT IS
FOUND BY MULTIPLYING DRIVER CURRENT BY
DUTY CYCLE, THEN ADDING QUIESCENT CURRENT
TJ = –55°C
SUPPLY VOLTAGE (V)
0
60
80
100
30
50
1070/71 G12
40
20
0
10
20
40
120
140
160
60
TJ = 25°C
VC = 50mV
VC = 0V
Supply Current vs Input Voltage*
INPUT VOLTAGE (V)
0
6
8
10
12
10
20
30
*
40
1070/71 G11
50
14
UNDER VERY LOW OUTPUT CURRENT
CONDITIONS, DUTY CYCLE FOR MOST
CIRCUITS WILL APPROACH 10% OR LESS
16
7
9
11
13
15
60
TJ = 25°C
ISWITCH ≤ 10mA
90% DUTY CYCLE
50% DUTY CYCLE
0% DUTY CYCLE
10% DUTY CYCLE
Feedback Pin Clamp Voltage
Shutdown Thresholds
TEMPERATURE (
°C)
–75
300
250
200
150
100
50
0
125
1070/71 G16
–25
25
75
– 50
150
0
50
100
400
350
–300
–250
–200
–150
–100
–50
0
– 400
–350
VC VOLTAGE IS REDUCED UNTIL
REGULATOR CURRENT DROPS
BELOW 300
µA
VOLTAGE
CURRENT
(OUT OF VC PIN)
FEEDBACK CURRENT (mA)
0
300
400
500
0.8
1070/71 G18
200
100
250
350
450
150
50
0
0.2
0.4
0.6
0.1
0.9
0.3
0.5
0.7
1.0
–55
°C
25
°C
150
°C
TEMPERATURE (
°C)
–75
7
9
11
125
1070/71 G14
5
3
6
8
10
4
2
1
–25
25
75
–50
150
0
50
100
VC = 0.6V
VSUPPLY = 60V
VSUPPLY = 3V
Idle Supply Current
vs Temperature
Normal/Flyback Mode Threshold
on Feedback Pin
TEMPERATURE (
°C)
–50
400
410
430
440
450
500
470
0
50
75
1070/71 G13
420
480
490
460
–4
–6
–10
–12
–14
–24
–18
–8
–20
–22
–16
–25
25
100 125
150
FEEDBACK PIN VOLTAGE
(AT THRESHOLD)
FEEDBACK PIN CURRENT
(AT THRESHOLD)
Error Amplifier Transconductance
TEMPERATURE (
°C)
–75
3000
4000
5000
125
1070/71 G14
2000
1000
2500
3500
4500
1500
500
0
–25
25
75
– 50
150
0
50
100
gm =
(VC PIN)
(FB PIN)
∆I
∆V
Shutdown Mode Supply Current
VC PIN VOLTAGE (mV)
0
120
160
200
80
1070/71 G14
80
40
100
140
180
60
20
0
20
40
60
10
90
30
50
70
100
TJ = 150°C
–55
°C ≤ TJ ≤ 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com