Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1070 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1070
Description  5A and 2.5A High Efficiency Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070 Datasheet(HTML) 1 Page - Linear Technology

  LT1070 Datasheet HTML 1Page - Linear Technology LT1070 Datasheet HTML 2Page - Linear Technology LT1070 Datasheet HTML 3Page - Linear Technology LT1070 Datasheet HTML 4Page - Linear Technology LT1070 Datasheet HTML 5Page - Linear Technology LT1070 Datasheet HTML 6Page - Linear Technology LT1070 Datasheet HTML 7Page - Linear Technology LT1070 Datasheet HTML 8Page - Linear Technology LT1070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10701fe
1
LT1070/LT1071
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
5A and 2.5A High Efficiency
Switching Regulators
s
Wide Input Voltage Range: 3V to 60V
s
Low Quiescent Current: 6mA
s
Internal 5A Switch (2.5A for LT1071)
s
Very Few External Parts Required
s
Self Protected Against Overloads
s
Operates in Nearly All Switching Topologies
s
Shutdown Mode Draws Only 50
µA Supply Current
s
Flyback Regulated Mode Has Fully Floating Outputs
s
Comes in Standard 5-Pin TO-220 Package
s
Can be Externally Synchronized (Consult Factory)
The LT
®1070/LT1071 are monolithic high power switch-
ing regulators. They can be operated in all standard switch-
ing configurations including buck, boost, flyback, for-
ward, inverting and “Cuk”. A high current, high efficiency
switch is included on the die along with all oscillator,
control and protection circuitry. Integration of all func-
tions allows the LT1070/LT1071 to be built in a standard
5-pin T0-220 power package. This makes it extremely
easy to use and provides “bust proof” operation similar to
that obtained with 3-pin linear regulators.
The LT1070/LT1071 operate with supply voltages from 3V
to 60V, and draw only 6mA quiescent current. They can
deliver load power up to 100W with no external power
devices. By utilizing current mode switching techniques,
they provide excellent AC and DC load and line regulation.
The LT1070/LT1071 have many unique features not found
even on the vastly more difficult to use low power control
chips presently available. They use adaptive antisat switch
drive to allow very wide ranging load currents with no loss
in efficiency. An externally activated shutdown mode
reduces total supply current to 50
µA typical for standby
operation. Totally isolated and regulated outputs can be
generated by using the optional “flyback regulation mode”
built into the LT1070/LT1071, without the need for
optocouplers or extra transformer windings.
USER NOTE:
This data sheet is only intended to provide specifications, graphs and a general functional
description of the LT1070/LT1071. Application circuits are included to show the capability of the
LT1070/LT1071. A complete design manual (AN19) should be obtained to assist in developing new
designs. This manual contains a comprehensive discussion of both the LT1070 and the external
components used with it, as well as complete formulas for calculating the values of these
components. The manual can also be used for the LT1071 by factoring in the lower switch current
rating. A second Application Note, AN25, which details off-line applications is available.
+
R1
10.7k
1%
R2
1.24k
1%
1070/71 TA01
12V
1A
R3
1k
C1
1
µF
C2
1000
µF
+
C3*
100
µF
L1**
150
µH
D1
5V
VSW
VC
VIN
LT1070
GND
FB
C3
100
µF
L2
10
µH
OUTPUT
FILTER
*
**
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92113
INPUT VOLTAGE (V)
0
60
80
100
40
1070/71 TA02
40
20
0
10
20
30
50
BOOST
BUCK/BOOST
VO = 30V
FLYBACK
ISOLATED
BUCK/BOOST
VO = 5V
ROUGH GUIDE ONLY. BUCK MODE POUT = 5A • VOUT.
SPECIAL TOPOLOGIES DELIVER MORE POWER
DIVIDE VERTICAL POWER SCALE BY 2 FOR LT1071
*
**
Maximum Output Power*
Boost Converter (5V to 12V)
s
Logic Supply 5V at 10A
s
5V Logic to
±15V Op Amp Supply
s
Off-Line Converter Up to 200W
s
Battery Upconverter
s
Power Inverter (+ to –) or (– to +)
s
Fully Floating Multiple Outputs
s
For Lower Current Applications, See the LT1072
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1070

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1070CK LINER-LT1070CK Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1070CT LINER-LT1070CT Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1070HV LINER-LT1070HV Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
More results

Similar Description - LT1070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1270 LINER-LT1270_15 Datasheet
136Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A_15 Datasheet
136Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com