Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1076-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1076-5
Description  5V Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076-5 Datasheet(HTML) 1 Page - Linear Technology

  LT1076-5 Datasheet HTML 1Page - Linear Technology LT1076-5 Datasheet HTML 2Page - Linear Technology LT1076-5 Datasheet HTML 3Page - Linear Technology LT1076-5 Datasheet HTML 4Page - Linear Technology LT1076-5 Datasheet HTML 5Page - Linear Technology LT1076-5 Datasheet HTML 6Page - Linear Technology LT1076-5 Datasheet HTML 7Page - Linear Technology LT1076-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1076-5
1
10765fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
5V Step-Down
Switching Regulator
The LT®1076-5 is a 2A fixed 5V output monolithic bipolar
switching regulator which requires only a few external parts
for normal operation. The power switch, all oscillator and
control circuitry, all current limit components, and an output
monitor are included on the chip. The topology is a classic
positive “buck” configuration but several design innova-
tions allow this device to be used as a positive-to-negative
converter, a negative boost converter, and as a flyback con-
verter. The switch output is specified to swing 40V below
ground, allowing the LT1076-5 to drive a tapped inductor
in the buck mode with output currents up to 4A.
The LT1076-5 uses a true analog multiplier in the feedback
loop. This makes the device respond nearly instantaneously
to input voltage fluctuations and makes loop gain indepen-
dent of input voltage. As a result, dynamic behavior of the
regulator is significantly improved over previous designs.
On-chip pulse by pulse current limiting makes the LT1076-
5 nearly bust-proof for output overloads or shorts. The
input voltage range as a buck converter is 8V to 60V, but
a self-boot feature allows input voltages as low as 5V in
the inverting and boost configurations.
The LT1076-5 is available in a low cost 5- and 7-lead TO-
220 packages with frequency pre-set at 100kHz and current
limit at 2.6A. See Application Note 44 for design details.
Basic Positive Buck Converter
n Fixed 5V Output
n 2A On-Board Switch
n 100kHz Switching Frequency
n 2% Output Voltage Tolerance Over Temperature
n Greatly Improved Dynamic Behavior
n Available in Low Cost 5- and 7-Lead Packages
n Only 9.5mA Quiescent Current
n Operates Up to 60V Input
n 5V Output Buck Converter
n Tapped Inductor Buck Converter with 4A Output at
5V
n Positive-to-Negative Converter
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LT1076-5
VSW
SENSE
VC
GND
R3
1.5k
C2
0.033
μF
C3
200
μF
100
μH**†
MBR340*
MBR330P MAY BE USED
FOR VIN ≤ 25V
COILTRONICS #100-1-52
HURRICANE #HL-AG210LL
VALUE MAY BE REDUCED TO 50
μH
FOR OUTPUT LOADS BELOW 1.5A
8V TO 40V
C1
500
μF
25V
LT1076-5 TA01
VIN
5V
≤1.8A
*
**
†
+
+


Similar Part No. - LT1076-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5 Datasheet
118Kb / 8P
5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
5V Step-Down Switching Regulator
More results

Similar Description - LT1076-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
5V Step-Down Switching Regulator
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
Maxim Integrated Produc...
MAX638 MAXIM-MAX638 Datasheet
291Kb / 8P
5V/Adjustable CMOS Step-down Switching Regulator
Rev 1; 7/96
logo
Texas Instruments
PT6610 TI-PT6610 Datasheet
70Kb / 3P
9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
logo
Linear Technology
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
5V Step-Down Switching Regulator
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com