Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1076-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1076-5
Description  5V Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076-5 Datasheet(HTML) 3 Page - Linear Technology

  LT1076-5 Datasheet HTML 1Page - Linear Technology LT1076-5 Datasheet HTML 2Page - Linear Technology LT1076-5 Datasheet HTML 3Page - Linear Technology LT1076-5 Datasheet HTML 4Page - Linear Technology LT1076-5 Datasheet HTML 5Page - Linear Technology LT1076-5 Datasheet HTML 6Page - Linear Technology LT1076-5 Datasheet HTML 7Page - Linear Technology LT1076-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1076-5
3
10765fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: To calculate maximum switch “on” voltage at currents between
low and high conditions, a linear interpolation may be used.
Note 3: A sense pin voltage (VSENSE) of 5.5V forces the VC pin to its low
clamp level and the switch duty cycle to zero. This approximates the zero
load condition where duty cycle approaches zero.
Note 4: Total voltage from VIN pin to ground pin must be ≥ 8V after start-
up for proper regulation. For TA < 25°C, limit = 5V.
Note 5: Switch frequency is internally scaled down when the sense pin
voltage is less than 2.6V to avoid extremely short switch on times. During
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 25V, unless otherwise noted.
current limit testing, VSENSE is adjusted to give a minimum switch on time
of 1ms.
Note 6: Switch to input voltage limitation must also be observed.
Note 7: VMAX = 40V for the LT1076-5 and 60V for the LT1076HV-5.
Note 8: Error amplifier voltage gain and transconductance are
specified relative to the internal feedback node. To calculate gain and
transconductance from the Sense pin (Output) to the VC pin, multiply by
0.44.
Note 9: Does not include switch leakage.
Note 10:
I
Rk
k
LIM
LIM
≈
−1
5
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (Note 3)
VOUT = 5.5V, VIN ≤ 40V
40V < VIN < 60V
VSHDN = 0.1V (Device Shutdown) (Note 9)
l
l
8.5
9.0
140
11
12
300
mA
mA
μA
Minimum Supply Voltage
Normal Mode
Start-Up Mode (Note 4)
l
l
7.3
3.5
8.0
4.8
V
V
Switch Current Limit (Note 5)
ILIM = Open
RLIM = 10k (Note 10)
RLIM = 7k (Note 10)
l
2
2.6
1.8
1.2
3.2
A
A
A
Maximum Duty Cycle
l
85
90
%
Switching Frequency
TJ ≤ 125°C
VOUT = VSENSE = 0V (Note 5)
l
90
85
100
20
110
120
kHz
kHz
kHz
Switching Frequency Line Regulation 8V ≤ VIN ≤ VMAX (Note 8)
l
0.03
0.1
%/V
Error Amplifier Voltage Gain (Note 8) 1V ≤ VC ≤ 4V
2000
V/V
Error Amplifier Transconductance
(Note 8)
3700
5000
8000
μmho
Error Amplifier Source and Sink
Current
Source (VSENSE = 4.5V)
Sink (VSENSE = 5.5V)
100
0.7
140
1.0
225
1.6
μA
mA
Sense Pin Divider Resistance
358
kΩ
Sense Voltage
VC = 2V
l
4.85
5
5.15
V
Output Voltage Tolerance
VOUT (Nominal) = 5V
All Conditions of Input Voltage, Output Voltage,
Temperature and Load Current
l
±0.5
±1.0
±2
±3
%
%
Output Voltage Line Regulation
8V ≤ VIN ≤ VMAX (Note 7)
l
0.005
0.02
%/V
VC Voltage at 0% Duty Cycle
Over Temperature
l
1.5
–4.0
V
mV/°C
Multiplier Reference Voltage
24
V
Shutdown Pin Current
VSHDN = 5V
VSHDN ≤ VTHRESHOLD (≅ 2.5V)
510
20
50
μA
μA
Shutdown Thresholds
Switch Duty Cycle = 0
Fully Shut Down
2.2
0.1
2.45
0.30
2.7
0.5
V
V
Thermal Resistance Junction to Case
4°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com