Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1076-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1076-5
Description  5V Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076-5 Datasheet(HTML) 2 Page - Linear Technology

  LT1076-5 Datasheet HTML 1Page - Linear Technology LT1076-5 Datasheet HTML 2Page - Linear Technology LT1076-5 Datasheet HTML 3Page - Linear Technology LT1076-5 Datasheet HTML 4Page - Linear Technology LT1076-5 Datasheet HTML 5Page - Linear Technology LT1076-5 Datasheet HTML 6Page - Linear Technology LT1076-5 Datasheet HTML 7Page - Linear Technology LT1076-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1076-5
2
10765fc
ABSOLUTE MAXIMUM RATINGS
Input Voltage
LT1076-5 .............................................................45V
LT1076HV-5 .........................................................64V
Switch Voltage with Respect to Input Voltage
LT1076-5 ..............................................................64V
LT1076HV-5 .........................................................75V
Switch Voltage with Respect to Ground Pin
(VSW Negative)
LT1076-5 (Note 6) ................................................35V
LT1076HV-5 (Note 6) ...........................................45V
(Note 1)
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Switch “On” Voltage (Note 2)
ISW = 0.5A
ISW = 2A
l
l
1.2
1.7
V
V
Switch “Off” Leakage
VIN = 25V, VSW = 0
VIN = 25V, VSW = 0
150
250
μA
μA
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
VIN
VSW
GND
VC
FB/SENSE
5
4
3
2
1
θJC = 4°C/W, θJA = 30°C/W
R PACKAGE
7-LEAD PLASTIC DD
FRONT VIEW
TAB IS
GND
SHDN
VC
SENSE
GND
ILIM
VSW
VIN
7
6
5
4
3
2
1
θJC = 4°C/W, θJA = 30°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1076CQ-5
LT1076CR-5
T PACKAGE
5-LEAD PLASTIC TO-220
FRONT VIEW
TAB
IS
GND
5
4
3
2
1
VIN
GND
SENSE
VSW
VC
LEADS ARE FORMED STANDARD
FOR STRAIGHT LEADS, ORDER FLOW 06
θJC = 4°C/W, θJA = 50°C/W
T7 PACKAGE
7-LEAD PLASTIC TO-220
SHDN
SENSE
ILIM
VIN
VC
GND
VSW
FRONT VIEW
TAB
IS
GND
7
6
5
4
3
2
1
θJC = 4°C/W, θJA = 50°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1076CT-5
LT1076HVCT-5
LT1076IT-5
LT1076HVIT-5
LT1076CT7-5
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
PACKAGE/ORDER INFORMATION
Sense Pin Voltage ............................................ –2V, 10V
Maximum Operating Ambient Temperature Range
LT1076C-5, LT1076HVC-5 ....................... 0°C to 70°C
LT1076I-5, LT1076HVI-5 ..................... –40°C to 85°C
Maximum Operating Junction Temperature Range
LT1076C-5, LT1076HVC-5 ..................... 0°C to 125°C
LT1076I-5, LT1076HVI-5 ................... –40°C to 125°C
Maximum Storage Temperature ............ –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 25V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com