Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1084 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1084 Datasheet(HTML) 1 Page - Linear Technology

  RH1084 Datasheet HTML 1Page - Linear Technology RH1084 Datasheet HTML 2Page - Linear Technology RH1084 Datasheet HTML 3Page - Linear Technology RH1084 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RH1084
5A Low Dropout
Positive Adjustable Regulator
Power Dissipation .............................. Internally Limited
Input-to-Output Voltage Differential ......................... 25V
Operating Junction Temperature Range
Control Section ............................. – 55
°C to 150°C
Power Transistor ............................ – 55
°C to 200°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH1084 positive adjustable regulator is designed to
provide 5A with higher efficiency than currently available
devices. All internal circuitry is designed to operate down
to 1V input-to-output differential and the dropout voltage
is fully specified as a function of load current. Dropout is
guaranteed at a maximum of 1.5V at maximum output
current, decreasing at lower load currents. On-chip trim-
ming adjusts the output voltage to 1%. Current limit is also
trimmed, minimizing the stress on both the regulator and
power source circuitry under overload conditions.
The RH1084 is pin compatible with older 3-terminal regu-
lators. A 10
μF output capacitor is required on these new
device. However, this is usually included in most regulator
designs.
The wafer lots are processed to Linear Technology
Corporation’s in-house Class S flow-to-yield circuits
usable in stringent military applications.
PRECONDITIONI G
100% Thermal Limit Burn-In
BUR -I CIRCUIT
PACKAGE I FOR ATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
RH1084
IN
OUT
ADJ
121
Ω
1k
RH1084 BI
12.5V
–12.5V
CAPACITOR(S) NOT SHOWN
2
1
VIN
CASE
IS OUTPUT
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
Note: For ordering information contact LTC.


Similar Part No. - RH1084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
85Kb / 4P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1084

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Linear Technology
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com