Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9261 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 25Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 26Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 27Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 28Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 29Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 30Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 31Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 32Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
29
6062KS–ATARM–15-Jan-09
AT91SAM9261 Preliminary
10.3
Peripheral Multiplexing on PIO Lines
The AT91SAM9261 features three PIO controllers, PIOA, PIOB and PIOC, that multiplex the I/O
lines of the peripheral set.
Each PIO Controller controls up to thirty-two lines. Each line can be assigned to one of two
peripheral functions, A or B. Table 10-2 on page 31, Table 10-3 on page 32 and Table 10-4 on
page 33 define how the I/O lines of the peripherals A and B are multiplexed on the PIO Control-
lers. The two columns “Function” and “Comments” have been inserted for the user’s own
comments; they may be used to track how pins are defined in an application.
Note that some output only peripheral functions might be duplicated within the tables.
The column “Reset State” indicates whether the PIO line resets in I/O mode or in peripheral
mode. If I/O is mentioned, the PIO line resets in input with the pull-up enabled, so that the device
is maintained in a static state as soon as the reset is released. As a result, the bit corresponding
to the PIO line in the register PIO_PSR (Peripheral Status Register) resets low.
If a signal name is mentioned in the “Reset State” column, the PIO line is assigned to this func-
tion and the corresponding bit in PIO_PSR resets high. This is the case of pins controlling
memories, in particular the address lines, which require the pin to be driven as soon as the reset
is released. Note that the pull-up resistor is also enabled in this case.
10.3.1
Resource Multiplexing
10.3.1.1
LCD Controller
The LCD Controller can interface with several LCD panels. It supports 4, 8 or 16 bit-per-pixel
without any limitation. Interfacing 24 bit-per-pixel TFTs panel prevents using the SSC0 and the
chip select line 0 of the SPI1.
16 bit-per-pixel TFT panels are interfaced through peripheral B functions, as color data is output
on LCDD3 to LCDD7, LCDD11 to LCDD15 and LCDD19 to LCDD23. Intensity bit is output on
LCDD2, LCDD10 and LCDD18. Using the peripheral B does not prevent using the SSC0 and
the SPI1 lines.
10.3.1.2
ETM
Using the ETM prevents:
• using the USART1 and USART2 control signals, in particular the SCK lines which are
required to use the USART as ISO7816 and the RTS and CTS to handle hardware
handshaking on the serial lines. In case the ETM and an ISO7816 connection are both
required, the USART0 has to be used as a Smart Card interface.
• using the SSC1
• addressing a static memory of more than 8 Mbytes, which requires the A23 and A24 address
lines
• using the chip select lines 1 to 3 of SPI0 and SPI1
10.3.1.3
EBI
If not required, the NWAIT function (external wait request) can be deactivated by software,
allowing this pin to be used as a PIO.
10.3.1.4
32-bit Data Bus
Using a 32-bit Data Bus prevents:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com