Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9261 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 40Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 41Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 42Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 43Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
41
6062KS–ATARM–15-Jan-09
AT91SAM9261 Preliminary
13. Revision History
Table 13-1.
Revision History
Doc.
Rev.
Source
Comments
6062AS
Qualified/Internal: 23-Aug-04
6062BS
Date: 02-Jun-05
CSR 04-370
Change to Additional Embedded Memories in “Features” on page 1. Change to Section 5.2 “Power
Consumption” on page 11. Change to Table 8-3 on page 18.
CSR 04-371
Change to AIC, “Features” on page 1, SMCS signal added to Table 3-1, “Signal Description by
Peripheral,” on page 5, Change to Section 10.3.1.5 “NAND Flash Interface” on page 30.
CSR 04-376
Added NTRST signal to“Block Diagram” on page 4. NTRST signal added to Table 3-1 on page 5. F1
modified in Table 4-1 on page 10. Change to “JTAG Port Pins” on page 11.
CSR 04-446
Changed ROM access to single cycle in “Features” on page 1 and Section 8.1 “Embedded Memories”
on page 17.
CSR 04-447
Replaced “PDMA” with “PDC” throughout. Replaced “Peripheral DMA” with “Peripheral DMA Controller”
throughout.
CSR 04-461
New pinout for 217-ball LFBGA package, Table 2 updated.
CSR 04-475
Updated Section 8.1.2 ”Boot Program” on page 20.
Removed “Embedded Software Services” on page 18.
CSR 05-023
Changed min voltage level for VDDIOM and VDDIOP to 2.7V throughout. Corrected nominal voltage
level for VDDIOP and VDDIOP in Section 5.1 “Power Supplies” on page 11.
CSR 05-024
Added information on chip select assignment management in Section 10.4 “External Bus Interface” on
page 34.
Added information on configuration management of embedded pad pull-up in Section 10.13 “USB” on
page 38.
Throughout document: All references to SmartMedia removed and replaced by NAND Flash. All signals
SMxx changed to NANDxx.
Throughout document: Package now qualified as RoHS-compliant
Changed pull-up resistor level to 10 kOhm in Section 6.4 “PIO Controller A, B and C Lines” on page 12.
Changed typical conditions for VDDCORE to 1.2V in Section 5.2 “Power Consumption” on page 11.
Corrected BMS state in Table 8-3, “Internal Memory Mapping,” on page 18.
Corrected BMS reset condition for ROM access in Section 8.1.1.2 “Internal ROM” on page 19.
6062CS
Date: 15-Nov-05
CSR 05-398
Changed SPI pin names in Figure 2-1, “AT91SAM9261 Block Diagram,” on page 4, Table 3-1, “Signal
Description by Peripheral,” on page 5, Table 10-2, “Multiplexing on PIO Controller A,” on page 31,
Table 10-3, “Multiplexing on PIO Controller B,” on page 32 and Table 10-4, “Multiplexing on PIO
Controller C,” on page 33.
CSR 05-481
Updated A22 pin in Figure 2-1, “AT91SAM9261 Block Diagram,” on page 4.
CSR 05-496
Changed value of programmable pull-up resistor in Section 6.4 “PIO Controller A, B and C Lines” on
page 12.
CSR 05-487
Updated Table 12-1, “AT91SAM9261 Ordering Information,” on page 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com