Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9261 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 26Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 27Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 28Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 29Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 30Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 31Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 32Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 33Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
30
6062KS–ATARM–15-Jan-09
AT91SAM9261 Preliminary
• using the three Timer Counter channels’ outputs and trigger inputs
• using the SSC2
10.3.1.5
NAND Flash Interface
Using the NAND Flash interface prevents:
• using NCS3, NCS6 and NCS7 to access other parallel devices
10.3.1.6
Compact Flash Interface
Using the CompactFlash interface prevents:
• using NCS4 and/or NCS5 to access other parallel devices
10.3.1.7
SPI0 and the MultiMedia Card Interface
As the DataFlash Card is compatible with the SDCard, it is useful to multiplex SPI and MCI.
Here, the SPI0 signal is multiplexed with the MCI.
10.3.1.8
USARTs
• Using the USART1 and USART2 control signals prevents using the ETM.
• Alternatively, using USART0 with its control signals prevents using some clock outputs and
interrupt lines.
10.3.1.9
Clock Outputs
• Using the clock outputs multiplexed with the PIO A prevents using the Debug Unit and/or the
Two Wire Interface.
• Alternatively, using the second implementation of the clock outputs prevents using the LCD
Controller Interface and/or USART0.
10.3.1.10
Interrupt Lines
• Using FIQ prevents using the USART0 control signals.
• Using IRQ0 prevents using the NWAIT EBI signal.
• Using the IRQ1 and/or IRQ2 prevents using the SPI1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com