Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1001 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HT1001
Description  1 - 1000 MHz 5-BIT Digital Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HT1001 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HT1001 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 – 1000 MHz 5-BIT Digital Attenuator
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 02/10/2003
HBH
Microwave GmbH
HT1001
General Description
The HT1001 is a TTL-controlled 5-BIT attenuator in a low cost SMA package. Covering 1 MHz to
1000 MHz, the typical insertion loss is less than 2.0 dB. The attenuator offers a total attenuation
range of 31 dB with 1 dB step size. The attenuator operates with a single voltage of -5V.
The attenuation steps are controlled by TTL signals.
The device operates from –40°C to +85°C.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
1
1000
MHz
Insertion Loss
2.0
2.5
dB
Attenuation Range
31
dB
Attenuation Steps
1
dB
Return Loss "All
Attenuation States"
10
13
dB
Return Loss "Off State"
9
12
dB
Input P0.1dB
22
dBm
Switching 10/90% RF
300
ns
Temperature Range
-40
+85
°C
DC Voltage
-5.0 ± 10%
V
Control Voltages
0/5
V
Package
M101-2
Size
55 x 32 x 11
mm
Rev. 1.0


Similar Part No. - HT1001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
More results

Similar Description - HT1001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-103 MACOM-AT-103 Datasheet
114Kb / 2P
5-Bit Digital Attenuator 20 - 1000 MHz
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
HBH Microwave GmbH
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
Spectrum Microwave, Inc...
TAD2104 SPECTRUM-TAD2104 Datasheet
559Kb / 1P
5 Bit Digital Attenuator
TAD5008 SPECTRUM-TAD5008 Datasheet
186Kb / 1P
5 Bit Digital Attenuator
TAD6005 SPECTRUM-TAD6005 Datasheet
190Kb / 1P
5 Bit Digital Attenuator
logo
Tyco Electronics
MAATGM0004-DIE MACOM-MAATGM0004-DIE Datasheet
202Kb / 5P
Attenuator, Digital, 5-Bit
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
Attenuator 5 to 1000 MHz
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
1 ??31GHz 5-Bit Digital Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com