Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F75111
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F75111 Datasheet HTML 7Page - Feature Integration Technology Inc. F75111 Datasheet HTML 8Page - Feature Integration Technology Inc. F75111 Datasheet HTML 9Page - Feature Integration Technology Inc. F75111 Datasheet HTML 10Page - Feature Integration Technology Inc. F75111 Datasheet HTML 11Page - Feature Integration Technology Inc. F75111 Datasheet HTML 12Page - Feature Integration Technology Inc. F75111 Datasheet HTML 13Page - Feature Integration Technology Inc. F75111 Datasheet HTML 14Page - Feature Integration Technology Inc. F75111 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
July, 2007
V0.27P
- 9 -
F75111
0
Start By
Master
0
1
011
0
1
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
111
R/W
Ack
by
111
SCL
SDA
78
0
7
8
0
Frame 2
Internal Index Register Byte
Frame 1
Serial Bus Address Byte
Figure 2. Serial Bus Write to Internal Address Register Only
Stop by
Master
(c) Serial bus read from a register with the internal address register prefer to desired location
0
Start By
Master
0
1
011
0
1
D7
D6
D5
D4
D3
D2
D1
D0
Ack
by
Master
R/W
Ack
by
111
SCL
SDA
78
0
7
8
0
Frame 2
Internal Index Register Byte
Frame 1
Serial Bus Address Byte
Figure 3. Serial Bus Read from Internal Address Register
Stop by
Master
7. Registers Description
7.1 Configuration and Control Register – Index 01h
Power-on default [7:0] =0000_1000b
Bit
Name
R/W
PWR
Description
7
INIT
R/W
VSB3V
Software reset for all registers including Test Mode registers. Users use
only.
6
Reserved
R/W
VSB3V
5
EN_WDT10
R/W
VSB3V
Enable Reset Out. If set to 1, enable WDTOUT10# output. Default is
disable.
4
Reserved
R/W
VSB3V
3
Reserved
R/W
VSB3V
2
Reserved
R/W
VSB3V
1
SMART_POW
R_MANAGEM
ENT
R/W
VSB3V
Set this bit to 1 will enable auto power down mode, when all function are
idle then 20ms the chip will auto power down, it will wakeup when GPIO
state change or read write register
0
SOFT_POWR_
DOWN
R/W
VSB3V
Set this bit to 1 will power down all of the analog block and stop internal
clock, write 0 to clear this bit or when GPIO state change will auto clear
this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com