Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111 Datasheet(PDF) 32 Page - Feature Integration Technology Inc.

Part # F75111
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111 Datasheet(HTML) 32 Page - Feature Integration Technology Inc.

Back Button F75111 Datasheet HTML 28Page - Feature Integration Technology Inc. F75111 Datasheet HTML 29Page - Feature Integration Technology Inc. F75111 Datasheet HTML 30Page - Feature Integration Technology Inc. F75111 Datasheet HTML 31Page - Feature Integration Technology Inc. F75111 Datasheet HTML 32Page - Feature Integration Technology Inc. F75111 Datasheet HTML 33Page - Feature Integration Technology Inc. F75111 Datasheet HTML 34Page - Feature Integration Technology Inc. F75111 Datasheet HTML 35Page - Feature Integration Technology Inc. F75111 Datasheet HTML 36Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
July, 2007
V0.27P
- 30 -
F75111
25ms else if set to 0 de-bounce time is 7u(default).
6
DB_TIME26_SEL
R/W
VSB3V
Select GPIO26 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
5
DB_TIME25_SEL
R/W
VSB3V
Select GPIO25 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
4
DB_TIME24_SEL
R/W
VSB3V
Select GPIO24 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
3
DB_TIME23_SEL
R/W
VSB3V
Select GPIO23 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
2
DB_TIME22_SEL
R/W
VSB3V
Select GPIO22 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
1
DB_TIME21_SEL
R/W
VSB3V
Select GPIO21 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
0
DB_TIME20_SEL
R/W
VSB3V
Select GPIO20 input de-bounce time. If set to 1 de-bounce time is
25ms else if set to 0 de-bounce time is 7u(default).
7.36 WDTOUT Control Register – Index 34h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-3
Reserved
RO
2
SEL_RST_2S
R/W
VSB3V
When set this bit to 1, the WDTOUT10 low pulse width is 2 Sec, if set
to 0 the low pulse width is 100ms.
1
WDTOUT10_OIN
V
R/W
VSB3V
WDTOUT10# output level inverting. When write 1, the output pin will
be inverted. Default is low active when time is out.
0
STS_WDTOUT1
0
R/W
VSB3V
Indicate WDTOUT10 is occurred. Write 1 to clear this bit. Writing 0 is
invalid.
7.37 WDTOUT10 Control Register – Index 35h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
WDT10_ENABLE
R/W
VSB3V
Enable WDTOUT10 Output Timer. If set to 1, the WDTOUT10 timer
will be started. When WDTOUT10# is asserted, low pulse is
occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com