Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111 Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75111
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111 Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75111 Datasheet HTML 17Page - Feature Integration Technology Inc. F75111 Datasheet HTML 18Page - Feature Integration Technology Inc. F75111 Datasheet HTML 19Page - Feature Integration Technology Inc. F75111 Datasheet HTML 20Page - Feature Integration Technology Inc. F75111 Datasheet HTML 21Page - Feature Integration Technology Inc. F75111 Datasheet HTML 22Page - Feature Integration Technology Inc. F75111 Datasheet HTML 23Page - Feature Integration Technology Inc. F75111 Datasheet HTML 24Page - Feature Integration Technology Inc. F75111 Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
July, 2007
V0.27P
- 19 -
F75111
7.17 GPIO1x Pulse Inverse Register – Index 17h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP17_PULSINV
R/W
VSB3V
GPIO 17 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
6
GP16_PULSINV
R/W
VSB3V
GPIO 16 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
5
GP15_PULSINV
R/W
VSB3V
GPIO15 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
4
GP14_PULSINV
R/W
VSB3V
GPIO14 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
3
GP13_PULSINV
R/W
VSB3V
GPIO13 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
2
GP12_PULSINV
R/W
VSB3V
GPIO12 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14. If this pin services as IRQ/SMI#, this bit has no effect.
1
GP11_PULSINV
R/W
VSB3V
GPIO 11 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
0
GP10_PULSINV
R/W
VSB3V
GPIO10 Pulse inversed. If the pulse inverse is selected, the output
pulse is high pulse. Default low pulse. The pulse width is defined in
CR14.
7.18 GP1X Edge Detector Enable Register – Index 0x18
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
EN_GP17EDGE
R/W
VSB3V
Enable GPIO17 Edge Detector. If this bit set to 1 and GPIO17 set to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com