Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111RG Datasheet(PDF) 45 Page - Feature Integration Technology Inc.

Part # F75111RG
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111RG Datasheet(HTML) 45 Page - Feature Integration Technology Inc.

Back Button F75111RG Datasheet HTML 37Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 38Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 39Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 40Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 41Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 42Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 43Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 44Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 45Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
- 43 -
F75111 Demo Circuit
R6
10K
VCC3V
GPIO6
ALL R VALUE IS 1K OHM
GPIO14
GPIO16
GPIO11
GPIO19
GPIO5
GPIO13
ADDRESS SELECT
I2C_ADDR
R4
10K
R8
10K
GPIO2
VSB3V
GPIO3
VCC3V
SCLK
F75111R f or GPIO
0.1
Feature IntegrationTechnology Inc.
A
11
Thursday , March 06, 2003
Title
Size
Document Number
Rev
Date:
Sheet
of
C2
0.1U
WDOUT#
GPIO18
VCC3V
GPIO9
R8 ON
ADDRESS=0x6Eh
R8 OFF
ADDRESS=0X9Ch
GPIO15
GPIO12
C1
0.1U
R2
10K
GPIO7
VCC3V
SDATA
GPIO10
GPIO17
GPIO20
R5
10K
R3
10K
GPIO1
GPIO8
I2C_ADDR
U1
F75111R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VSB3V
GPIO30
GPIO13/I2C_ADDR
GPIO16
GPIO17
GPIO20
GPIO21
GPIO22
GPIO14
GPIO10
GPIO11
GPIO12
SDA
SCLK
RSTOUT#
GND
GND
VSB3V
GPIO15
GPIO27
GPIO26
GPIO25
GPIO24
GPIO23
GPIO33
GPIO32
GPIO31
GND
VCC3V
GPIO4
R1
10K
R7
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com