Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111RG Datasheet(PDF) 27 Page - Feature Integration Technology Inc.

Part # F75111RG
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111RG Datasheet(HTML) 27 Page - Feature Integration Technology Inc.

Back Button F75111RG Datasheet HTML 23Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 24Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 25Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 26Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 27Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 28Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 29Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 30Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 31Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
July, 2007
V0.27P
- 25 -
F75111
7.27 GPIO2x Pulse Width Control Register – Index 24h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7:2
Reserved
R/W
VSB3V
Reserved. Read return 0.
1:0
GP2_PLSWD[1:0
]
R/W
VSB3V
GPIO2x pulse width. If set the GPIO2x to pulse mode, the pulse width
can be defined as follows.
00b – 500us (Default)
01b – 1ms
10b – 20ms
11b – 100ms
7.28 GPIO2x Pull-up Resistor Control Register – Index 25h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP27_RESON
R/W
VSB3V
Turn on the GPIO27 internal pull-up resistor.
6
GP26_RESON
R/W
VSB3V
Turn on the GPIO26 internal pull-up resistor.
5
GP25_RESON
R/W
VSB3V
Turn on the GPIO25 internal pull-up resistor.
4
GP24_RESON
R/W
VSB3V
Turn on the GPIO24 internal pull-up resistor.
3
GP23_RESON
R/W
VSB3V
Turn on the GPIO23 internal pull-up resistor.
2
GP22_RESON
R/W
VSB3V
Turn on the GPIO22 internal pull-up resistor.
1
GP21_RESON
R/W
VSB3V
Turn on the GPIO21 internal pull-up resistor.
0
GP20_RESON
R/W
VSB3V
Turn on the GPIO20 internal pull-up resistor.
7.29 GPIO2x Input De-bounce Register – Index 26h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP27_ENDB
R/W
VSB3V
Enable GPIO27 input de-bounce with 7u or 25ms second that selected
by 0x2C bit7.
6
GP26_ENDB
R/W
VSB3V
Enable GPIO26 input de-bounce with 7u or 25ms second that selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com