Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F75111RG Datasheet(PDF) 19 Page - Feature Integration Technology Inc.

Part # F75111RG
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111RG Datasheet(HTML) 19 Page - Feature Integration Technology Inc.

Back Button F75111RG Datasheet HTML 15Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 16Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 17Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 18Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 19Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 20Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 21Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 22Page - Feature Integration Technology Inc. F75111RG Datasheet HTML 23Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
July, 2007
V0.27P
- 17 -
F75111
6
GP16_PSTS
RO
VSB3V
Read the GPIO16 data on the pin.
5
GP15_PSTS
RO
VSB3V
Read the GPIO15 data on the pin.
4
GP14_PSTS
RO
VSB3V
Read the GPIO14 data on the pin.
3
GP13_PSTS
RO
VSB3V
Read the GPIO13 data on the pin.
2
GP12_PSTS
RO
VSB3V
Read the GPIO12 data on the pin.
1
GP11_PSTS
RO
VSB3V
Read the GPIO11 data on the pin.
0
GP10_PSTS
RO
VSB3V
Read the GPIO10 data on the pin.
7.13 GPIO1x Level/Pulse Control Register – Index 13h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP17_OMODE
R/W
VSB3V
GPIO 17 output mode. 0 – level, 1 – pulse.
6
GP16_OMODE
R/W
VSB3V
GPIO 16 output mode. 0 – level, 1 – pulse.
5
GP15_OMODE
R/W
VSB3V
GPIO 15 output mode. 0 – level, 1 – pulse.
4
GP14_OMODE
R/W
VSB3V
GPIO 14 output mode. 0 – level, 1 – pulse.
3
GP13_OMODE
R/W
VSB3V
GPIO 13 output mode. 0 – level, 1 – pulse.
2
GP12_OMODE
R/W
VSB3V
GPIO 12 output mode. 0 – level, 1 – pulse. If this serves as IRQ/SMI#
mode, it will have same function.
1
GP11_OMODE
R/W
VSB3V
GPIO 11 output mode. 0 – level, 1 – pulse.
0
GP10_OMODE
R/W
VSB3V
GPIO 10 output mode. 0 – level, 1 – pulse.
7.14 GPIO1x Pulse Width Control Register – Index 14h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7:2
Reserved
R/W
VSB3V
Reserved. Read return 0.
1:0
GP1_PSWDTH[1:0
]
R/W
VSB3V
GPIO1x pulse width. If set the GPIO1x to pulse mode, the pulse
width can be defined as follows.
00b – 500us (Default)
01b – 1ms
10b – 20ms
11b – 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com