Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1584/5/7
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1584/5/7 Datasheet HTML 8Page - Linear Technology LT1584/5/7 Datasheet HTML 9Page - Linear Technology LT1584/5/7 Datasheet HTML 10Page - Linear Technology LT1584/5/7 Datasheet HTML 11Page - Linear Technology LT1584/5/7 Datasheet HTML 12Page - Linear Technology LT1584/5/7 Datasheet HTML 13Page - Linear Technology LT1584/5/7 Datasheet HTML 14Page - Linear Technology LT1584/5/7 Datasheet HTML 15Page - Linear Technology LT1584/5/7 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1584/LT1585/LT1587
158457a
APPLICATIONS INFORMATION
For adjustable voltage devices, negative side sensing is a
true Kelvin connection with the bottom of the output divider
returned to the negative side of the load. The best load
regulation is obtained when the top of resistor divider R1
connects directly to the regulator output and not to the
load. Figure 5 illustrates this point. If R1 connects to the
load, the effective resistance between the regulator and the
load is:
RP × (1 + R2/R1), RP = Parasitic Line Resistance
The connection shown in Figure 5 does not multiply RP by
the divider ratio. As an example, RP is about four milliohms
per foot with 16-gauge wire. This translates to 4mV per foot
at 1A load current. At higher load currents, this drop
represents a significant percentage of the overall regula-
tion. It is important to keep the positive lead between the
regulator and the load as short as possible and to use large
wire or PC board traces.
Thermal Considerations
The LT1584/LT1585/LT1587 family protects the device
under overload conditions with internal power and thermal
limiting circuitry. However, for normal continuous load
conditions, do not exceed maximum junction temperature
ratings. It is important to consider all sources of thermal
resistance from junction-to-ambient. These sources in-
clude the junction-to-case resistance, the case-to-heat
sink interface resistance, and the heat sink resistance.
Thermal resistance specifications have been developed to
more accurately reflect device temperature and ensure safe
operating temperatures. The electrical characteristics sec-
tion provides a separate thermal resistance and maximum
junction temperature for both the control circuitry and the
power transistor. Older regulators, with a single junction-
to-case thermal resistance specification, use an average of
the two values provided here and allow excessive junction
temperatures under certain conditions of ambient tem-
perature and heat sink resistance. Calculate the maximum
junction temperature for both sections to ensure that both
thermal limits are met.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for heat flow. Proper
mounting ensures the best thermal flow from this area of
the package to the heat sink. Linear Technology strongly
recommends thermal compound at the case-to-heat sink
interface. Use a thermally conductive spacer if the case of
the device must be electrically isolated and include its
Figure 5. Connection for Best Load Regulation
LT1584
OUT
IN
VIN
ADJ
RP
PARASITIC
LINE RESISTANCE
R1*
*CONNECT R1 TO CASE
CONNECT R2 TO LOAD
LT1584 • F05
RL
R2*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com