Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1584/5/7
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1584/5/7 Datasheet HTML 2Page - Linear Technology LT1584/5/7 Datasheet HTML 3Page - Linear Technology LT1584/5/7 Datasheet HTML 4Page - Linear Technology LT1584/5/7 Datasheet HTML 5Page - Linear Technology LT1584/5/7 Datasheet HTML 6Page - Linear Technology LT1584/5/7 Datasheet HTML 7Page - Linear Technology LT1584/5/7 Datasheet HTML 8Page - Linear Technology LT1584/5/7 Datasheet HTML 9Page - Linear Technology LT1584/5/7 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1584/LT1585/LT1587
158457a
TYPICAL PERFORMANCE CHARACTERISTICS
LT1584 Dropout Voltage
vs Output Current
TEMPERATURE (
°C)
–0.20
–0.10
0
0.10
–0.15
–0.05
0.05
–25
25
75
125
LT1584 • TPC03
175
–50
–75
0
50
100
150
∆I = 7A
LT1584 Load Regulation
vs Temperature
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
4
10
2
4
5
LT1584 • TPC02
2
8
6
1
3
6
7
T = 125
°C
T = 25
°C
T = –5
°C
MINIMUM
LT1584 Short-Circuit Current
vs Input/Output Differential
LT1585 Dropout Voltage
vs Output Current
LT1585 Load Regulation
vs Temperature
LT1585 Short-Circuit Current
vs Temperature
TEMPERATURE (
°C)
–75
5.0
5.5
125
LT1584 • TPC05
4.5
4.0
–25
25 50
175
6.0
75
–50
0
150
100
TEMPERATURE (
°C)
–0.20
–0.10
0
0.10
–0.15
–0.05
0.05
–25
25
75
125
LT1584 • TPC03
175
–50
–75
0
50
100
150
∆I = 4.6A
LT1587 Dropout Voltage
vs Output Current
LT1587 Load Regulation
vs Temperature
LT1587 Short-Circuit Current
vs Temperature
TEMPERATURE (
°C)
–75
4.0
4.5
125
LT1584 • TPC05
3.5
3.0
–25
25 50
175
5.0
75
–50
0
150
100
TEMPERATURE (
°C)
–0.20
–0.10
0
0.10
–0.15
–0.05
0.05
–25
25
75
125
LT1584 • TPC09
175
–50
–75
0
50
100
150
∆I = 3A
OUTPUT CURRENT (A)
0
0.5
0.6
0.8
0.9
1.0
1.5
1.2
2
4
5
LTC1584 • TPC01
0.7
1.3
1.4
1.1
1
3
6
7
T = –5
°C
T = 125
°C
T = 25
°C
GUARANTEED
TEST POINTS
OUTPUT CURRENT (A)
0
1.1
1.3
1.5
4
LT1585 • TPC04
0.9
0.7
1.0
1.2
1.4
0.8
0.6
0.5
1
2
3
5
T = –5
°C
T = 125
°C
T = 25
°C
GUARANTEED
TEST POINTS
OUTPUT CURRENT (A)
0
0.5
0.7
0.8
0.9
1.0
1.1
1.2
0.5
1.0
1.5
2.0
LT1584 • TPC07
2.5
1.3
1.4
1.5
0.6
3.0
T = –5
°C
T = 125
°C
T = 25
°C
GUARANTEED
TEST POINTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com