Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1584/5/7 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1584/5/7
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7 Datasheet(HTML) 2 Page - Linear Technology

  LT1584/5/7 Datasheet HTML 1Page - Linear Technology LT1584/5/7 Datasheet HTML 2Page - Linear Technology LT1584/5/7 Datasheet HTML 3Page - Linear Technology LT1584/5/7 Datasheet HTML 4Page - Linear Technology LT1584/5/7 Datasheet HTML 5Page - Linear Technology LT1584/5/7 Datasheet HTML 6Page - Linear Technology LT1584/5/7 Datasheet HTML 7Page - Linear Technology LT1584/5/7 Datasheet HTML 8Page - Linear Technology LT1584/5/7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1584/LT1585/LT1587
158457a
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
VIN
VOUT
ADJ
3
2
1
TAB
IS
OUTPUT
T PACKAGE
3-LEAD PLASTIC TO-220
VIN
VOUT
ADJ
FRONT VIEW
3
2
1
TAB
IS
OUTPUT
ABSOLUTE
AXI U
RATI GS
(Note 1)
VIN ............................................................................. 7V
Operating Junction Temperature Range
C-Grade
Control Section ................................... 0
°C to 125°C
Power Transistor ................................. 0
°C to 150°C
I-Grade
Control Section ............................... –40
°C to 125°C
Power Transistor ............................. –40
°C to 150°C
100% Thermal Limit Functional Test
PRECONDITIONI G
ORDER PART
NUMBER
ORDER PART
NUMBER
θJA = 30°C/W*
θJA = 50°C/W
θJA = 30°C/W*
θJA = 50°C/W
LT1584CT-3.3
LT1584IT-3.3
LT1585CT-3.3
LT1587CT-3.3
LT1584CT-3.38
LT1585CT-3.38
LT1584CT-3.45
LT1585CT-3.45
LT1587CT-3.45
LT1584CT-3.6
LT1585CT-3.6
LT1587CT-3.6
* With package soldered to 0.5 square inch copper area over backside
ground plane or internal power plane.
θJA can vary from 20°C/W to
>40
°C/W with other mounting techniques.
LT1585CM-3.3
LT1585CM-3.38
LT1585CM-3.45
LT1585CM-3.6
LT1587CM-3.3
LT1587CM-3.45
LT1587CM-3.6
LT1585CM
LT1587CM
LT1584CT
LT1585CT
LT1587CT
PACKAGE/ORDER INFORMATION
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
VIN
VOUT
GND
3
2
1
TAB
IS
OUTPUT
T PACKAGE
3-LEAD PLASTIC TO-220
VIN
VOUT
GND
FRONT VIEW
3
2
1
TAB
IS
OUTPUT
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com