Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0440 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HT0440
Description  Dual High Voltage Isolated MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0440 Datasheet(HTML) 2 Page - Supertex, Inc

  HT0440 Datasheet HTML 1Page - Supertex, Inc HT0440 Datasheet HTML 2Page - Supertex, Inc HT0440 Datasheet HTML 3Page - Supertex, Inc HT0440 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics
(Over recommended operating conditions, T
A = 25°C unless otherwise specified)
DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
IIHA + IIHB
Total logic high input current
300
µAVA = 3.5V, VB = 3.5V, CLK = 0V
500
µAVA = 3.5V, VB = 3.5V,
CLK = 500KHz
2.0
mA
VA = 3.5V, VB = 3.5V,
CLK = 2.0MHz
1.0
mA
VA = 5.5V, VB = 5.5V, CLK = 0V
2.0
mA
VA = 5.5V, VB = 5.5V,
CLK = 500KHz
VOUTA,
Output Voltage
6.0
V
VA = 3.15V, VB = 3.15V,
VOUTB
CLK = 0V, no load
5.0
V
VA = 3.15V, VB = 3.15V,
CLK = 500KHz, no load
6.0
V
VA = 3.15V, VB = 3.15V,
CLK = 2.0MHz, no load
10.0
V
VA = 4.5V, VB = 4.5V,
CLK = 0V, no load
8.0
V
VA = 4.5V, VB = 4.5V,
CLK = 500KHz, no load
IILA
Logic low input A current
10
µAVA = 0.5V, VB = high
IILB
Logic low input B current
10
µAVA = high, VB = 0.5V
IILQ
Quiescent current
10
µAVA = 0.5V, VB = 0.5V
VISO
Input to output isolation voltage
±400
V
VCISO
Output to output isolation voltage
±700
V
AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
td(ON)
Turn on delay time
50
µs
See timing diagram and test circuit
tr
Rise time
650
µs
CLK = 0V, CL = 600pF
td(OFF)
Turn off delay time
150
µs
tf
Fall time
3.0
ms
Recommended Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
CLK
External clock frequency
0.5
2.0
MHz
VIHCLK
Clock input high voltage
3.15
5.5
V
VILCLK
Clock input low voltage
0
0.5
V
VIH
Logic input high voltage
3.15
5.5
V
VIL
Logic input low voltage
0
0.5
V
TA
Operating temperature
-40
+85
°C
HT0440



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com