Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0440 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT0440
Description  Dual High Voltage Isolated MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0440 Datasheet(HTML) 1 Page - Supertex, Inc

  HT0440 Datasheet HTML 1Page - Supertex, Inc HT0440 Datasheet HTML 2Page - Supertex, Inc HT0440 Datasheet HTML 3Page - Supertex, Inc HT0440 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
2
3
4
8
7
6
5
top view
SO-8
HT0440
Dual High Voltage Isolated MOSFET Driver
Ordering Information
Features
❏ ±400V input to output isolation
❏ ±700V isolation between outputs
❏ No external voltage supply required
❏ Dual isolated output drivers
❏ Option of internal or external clock
Applications
❏ Telecommunications
❏ Modems
❏ Solid state relays
❏ High side switches
❏ High end audio switches
❏ Avionics
❏ ATE
Absolute Maximum Ratings1
Input to Output Isolation Voltage, V
ISO
±400V
Logic Input Voltage, V
A, VB
–0.5 to +7.0V
Operating Temperature
–40°C to +85°C
Storage Temperature
–55°C to +150°C
Soldering Temperature2
300°C
Note:
1. All voltages are referenced to ground.
2. Distance of 1.6mm from case for 10 seconds.
Pin Configuration
For detailed circuit and application information, please
refer to application note #AN-D26.
General Description
The Supertex HT0440 is a dual high voltage isolated driver
utilizing Supertex’s proprietary HVCMOS® technology. It is de-
signed to drive discrete MOSFETs configured as bi-directional or
unidirectional switches. It can drive N-channel MOSFETs as high
side switches up to 400V. The HT0440 generates two indepen-
dent DC isolated voltages to the outputs, VOUTA and VOUTB when
logic inputs A and B are at logic high. The internal clock of the
HT0440 can be disabled by applying an external clock signal to
the CLK pin. This allows the power dissipation and AC character-
istics to be tailored to meet specific needs. The CLK pin should be
connected to ground when not in use. The HT0440 does not
require any external power supplies. The internal supply voltage
is supplied by either of the two logic inputs A or B when they are
at logic high.
AB
CLK
GND
–V
OUTA
–V
OUTB
+V
OUTA
+V
OUTB
Input to Output
Package Option
Isolation Voltage
8-Pin Narrow Body SOIC
±400V
HT0440LG
Note: See Package Outline section for dimensions.
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HT0440

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440K6-G SUTEX-HT0440K6-G Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
HT0440LG-G SUTEX-HT0440LG-G Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
HT0440 SUTEX-HT0440_13 Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
More results

Similar Description - HT0440

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0740 SUTEX-HT0740 Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101 Datasheet
152Kb / 2P
DUAL, ISOLATED HIGH VOLTAGE SWITCHING DIODES
logo
Microsemi Corporation
APTRG8A120 MICROSEMI-APTRG8A120 Datasheet
242Kb / 4P
Dual IGBT Isolated Driver
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740 SUTEX-HT0740_13 Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0440 SUTEX-HT0440_13 Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
Nexperia B.V. All right...
BAS21PG NEXPERIA-BAS21PG Datasheet
686Kb / 13P
Dual isolated high-voltage switching diode
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com