Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0440 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HT0440
Description  Dual High Voltage Isolated MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0440 Datasheet(HTML) 3 Page - Supertex, Inc

  HT0440 Datasheet HTML 1Page - Supertex, Inc HT0440 Datasheet HTML 2Page - Supertex, Inc HT0440 Datasheet HTML 3Page - Supertex, Inc HT0440 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
90%
10%
50%
50%
90%
10%
4.5V
0V
V
OUTA, VOUTB
t
d(ON)
t
r
t
d(OFF)
t
f
V
A, VB
Logic &
Internal
Clock
Driver
A
Driver
B
V
OUTA
+
–
V
OUTB
+
–
4
3
5
6
2
1
8
7
CLK
A
B
GND
Isolation
Barrier
10R
R
R
R
R
10R
R=158KΩ ±47%
Truth Table
AB
CLK
VOUTAVOUTB
Internal Clock
000
Off
Off
Off
00
Off
On
On
00
On
Off
On
110
On
On
On
00
Clk
Off
Off
Off
0
Clk
Off
On
Off
0
Clk
On
Off
Off
11
Clk
On
On
Off
Block Diagram
Timing Diagram
HT0440



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com