Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1714IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT1714IGN
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1714IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1714IGN Datasheet HTML 6Page - Linear Technology LT1714IGN Datasheet HTML 7Page - Linear Technology LT1714IGN Datasheet HTML 8Page - Linear Technology LT1714IGN Datasheet HTML 9Page - Linear Technology LT1714IGN Datasheet HTML 10Page - Linear Technology LT1714IGN Datasheet HTML 11Page - Linear Technology LT1714IGN Datasheet HTML 12Page - Linear Technology LT1714IGN Datasheet HTML 13Page - Linear Technology LT1714IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1713/LT1714
Figure 2. Various Configurations for Introducing Hysteresis
–
+
50k
VIN
50
Ω
Q
Q
V+ = 5V
V– = –5V
VHYST = 5mV
(ALL 3 CASES)
Q
Q
–
+
50k
VIN
VREF
50
Ω
Q
Q
–
+
100k
100k
VIN
+
VIN
–
50
Ω
50
Ω
171314 F02
LT1713
LT1713
LT1713
Hysteresis
Another useful technique to avoid oscillations is to provide
positive feedback, also known as hysteresis, from the
output to the input. Increased levels of hysteresis, how-
ever, reduce the sensitivity of the device to input voltage
levels, so the amount of positive feedback should be
tailored to particular system requirements. The
LT1713/LT1714 are completely flexible regarding the ap-
plication of hysteresis, due to rail-to-rail inputs and the
complementary outputs. Specifically, feedback resistors
can be connected from one or both outputs to their
corresponding inputs without regard to common mode
considerations. Figure 2 shows several configurations.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com