Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1714IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1714IGN
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1714IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1714IGN Datasheet HTML 7Page - Linear Technology LT1714IGN Datasheet HTML 8Page - Linear Technology LT1714IGN Datasheet HTML 9Page - Linear Technology LT1714IGN Datasheet HTML 10Page - Linear Technology LT1714IGN Datasheet HTML 11Page - Linear Technology LT1714IGN Datasheet HTML 12Page - Linear Technology LT1714IGN Datasheet HTML 13Page - Linear Technology LT1714IGN Datasheet HTML 14Page - Linear Technology LT1714IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1713/LT1714
TYPICAL APPLICATIO S
Simultaneous Full Duplex 75Mbaud Interface
with Only Two Wires
The circuit of Figure 3 shows a simple, fully bidirectional,
differential 2-wire interface that gives good results to
75Mbaud, using the LT1714. Eye diagrams under condi-
tions of unidirectional and bidirectional communication
are shown in Figures 4 and 5. Although not as pristine as
the unidirectional performance of Figure 4, the perfor-
mance under simultaneous bidirectional operation is still
excellent. Because the LT1714 input voltage range ex-
tends 100mV beyond both supply rails, the circuit works
with a full
±3V (one whole VS up or down) of ground
potential difference.
The circuit works well with the resistor values shown, but
other sets of values can be used. The starting point is the
characteristic impedance, ZO, of the twisted-pair cable.
The input impedance of the resistive network should
match the characteristic impedance and is given by:
RR
RR
R
RR
R
R
IN
O
O
=
+
++
[]
2
12
3
21
2
3
••
||(
)
•||(
)
This comes out to 120
Ω for the values shown. The
Thevenin equivalent source voltage is given by:
VV
RR
R
RRR
R
RR
R
R
TH
S
O
O
=
+
++
++
[]
•
(–
)
()
•
•||(
)
23
1
23
1
21
2
3
–
+
1/2
LT1714
TxD
RxD
7
8
9
LE
6
5
49.9
Ω
750k
750k
100k
100k
49.9
Ω
2
1
15
3
16
13
14
3V
3V
4
11
12
R2A
2.55k
R3A
124
Ω
ROA
140
Ω
ROB
140
Ω
R1B
499
Ω
6-FEET
TWISTED PAIR
ZO ≈ 120Ω
R1D
499
Ω
R1C
499
Ω
R3B
124
Ω
R2C
2.55k
3V
100k
5
11
2
1
12
6
10
9
8
7
171314 F03
14
3
15
16 13
4
TxD
RxD
3V
R3C
124
Ω
R3D
124
Ω
R2D
2.55k
R2B
2.55k
R1A
499
Ω
10
–
+
1/2
LT1714
LE
–
+
750k
750k
49.9
Ω
49.9
Ω
100k
–
+
LE
1/2
LT1714
LE
1/2
LT1714
3V
3V
DIODES: BAV99
×4
Figure 3. 75Mbaud Full Duplex Interface on Two Wires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com