Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1714IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1714IGN
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1714IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1714IGN Datasheet HTML 8Page - Linear Technology LT1714IGN Datasheet HTML 9Page - Linear Technology LT1714IGN Datasheet HTML 10Page - Linear Technology LT1714IGN Datasheet HTML 11Page - Linear Technology LT1714IGN Datasheet HTML 12Page - Linear Technology LT1714IGN Datasheet HTML 13Page - Linear Technology LT1714IGN Datasheet HTML 14Page - Linear Technology LT1714IGN Datasheet HTML 15Page - Linear Technology LT1714IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1713/LT1714
TYPICAL APPLICATIO S
Figure 4. Performance of Figure 3’s Circuit When
Operated Unidirectionally. Eye is Wide Open
171112 F04
Figure 5. Performance When Operated Simultaneous
Bidirectionally (Full Duplex). Crosstalk Appears as Noise.
Eye is Slightly Shut But Performance is Still Excellent
171112 F05
This amounts to an attenuation factor of 0.0978 with the
values shown. (The actual voltage on the lines will be cut
in half again due to the 120
Ω ZO.) The reason this
attenuation factor is important is that it is the key to
deciding the ratio between the R2-R3 resistor divider in
the receiver path. This divider allows the receiver to reject
the large signal of the local transmitter and instead sense
the attenuated signal of the remote transmitter. Note that
in the above equations, R2 and R3 are not yet fully
determined because they only appear as a sum. This
allows the designer to now place an additional constraint
on their values. The R2-R3 divide ratio should be set to
equal half the attenuation factor mentioned above or:
R3/R2 = 1/2 • 0.09761.
Having already designed R2 + R3 to be 2.653k (by allocat-
ing input impedance across RO, R1 and R2 + R3 to get the
requisite 120
Ω), R2 and R3 then become 2529Ω and
123.5
Ω respectively. The nearest 1% value for R2 is 2.55k
and that for R3 is 124
Ω.
Voltage-Tunable Crystal Oscillator
The front page application is a variant of a basic crystal
oscillator that permits voltage tuning of the output fre-
quency. Such voltage-controlled crystal oscillators (VCXO)
are often employed where slight variation of a stable
carrier is required. This example is specifically intended to
provide a 4
× NTSC sub-carrier tunable oscillator suitable
for phase locking.
The LT1713 is set up as a crystal oscillator. The varactor
diode is biased from the tuning input. The tuning network
is arranged so a 0V to 5V drive provides a reasonably
symmetric, broad tuning range around the 14.31818MHz
center frequency. The indicated selected capacitor sets
tuning bandwidth. It should be picked to complement loop
response in phase locking applications. Figure 6 is a plot
of tuning input voltage versus frequency deviation. Tuning
deviation from the 4
× NTSC 14.31818MHz center fre-
quency exceeds
±240ppm for a 0V to 5V input.
1 Using the design value of R2 + R3 = 2.653k rather than the implementation value of 2.55k +
124
Ω = 2.674k.
INPUT VOLTAGE (V)
0
2
4
5
9
8
7
6
5
4
3
2
1
0
171112 F06
13
14.314.0MHz
14.31818MHz
14.3217MHz
Figure 6. Control Voltage vs Output Frequency for the First Page
Application Circuit. Tuning Deviation from Center Frequency
Exceeds
±240ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com