Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG2000 Datasheet(PDF) 9 Page - Connor-Winfield Corporation

Part # SCG2000
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2000 Datasheet(HTML) 9 Page - Connor-Winfield Corporation

Back Button SCG2000 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 13Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet #: SG035
Page 9 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
-200.0E-9
000.0E+0
200.0E-9
400.0E-9
600.0E-9
800.0E-9
1.0E-6
1.2E-6
45678
Time (sec)
-1.8E+3
-1.6E+3
-1.4E+3
-1.2E+3
-1.0E+3
-800.0E+0
-600.0E+0
-400.0E+0
-200.0E+0
000.0E+0
200.0E+0
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Time (sec)
SCG2000 1µs Phase Transient Response
Figure 11
SCG2000 Step Response due to a -20ppm Freq. Step
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com