Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG2000 Datasheet(PDF) 15 Page - Connor-Winfield Corporation

Part # SCG2000
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2000 Datasheet(HTML) 15 Page - Connor-Winfield Corporation

Back Button SCG2000 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 13Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 14Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 15Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 16Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 17Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 18Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 19Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet #: SG035
Page 15 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
SCG2020 Individual Features:
• Input References (Pin #8) at 19.44 MHz.
• Oscillator Output (Pin #9) at 77.76 MHz.
• Reference Output (Pin #1) at 19.44 MHz.
The SCG2020 accepts a 19.44 MHz Input
Reference (Pin #8) and provides a 19.44
MHz Output Reference (Pin #1) and a
77.76 MHz signal output on Output #2.
The LOL alarm is designed to tolerate 1
µs
p-p of jitter on the reference. Jitter greater
than 1
µs p-p will result in LOL alarm
pulses.
SCG2020
Input Reference Selection
Table 15
SCG2020
Input Sel A
Input Sel B
Reference Frequency
(Pin #14)
(Pin #13)
(Pin #8)
X
X
19.44 MHz (Default)
X= Don’t Care
Reference and Output Availability
Table 16
SCG2020
Input Reference
Oscillator Output
Reference Output
(Pin #8)
(Pin #9)
(Pin #1)
19.44 MHz
77.76 MHz
19.44 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com