Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG2000 Datasheet(PDF) 12 Page - Connor-Winfield Corporation

Part # SCG2000
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2000 Datasheet(HTML) 12 Page - Connor-Winfield Corporation

Back Button SCG2000 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 13Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 14Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 15Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 16Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet #: SG035
Page 12 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Solder Profile
Figure 15
Temp
0
100
150
200
250
50
1
2
3
456
78
Time (minutes)
(Deg C)
Recommended Reflow Profile
Peak Temp:
217 Deg C
Max Rise Slope:
1.5 Deg
C/Sec
Time Above 150 C: 100 Sec
Ordering Information
SCG{XXXX}-{FFF.FFF}{M}
XXXX equals a specific model (2000, 2010, 2020, 2030, 2050, 2070)
FFF.FFF equals the Oscillator Output frequency (001.544, 002.048, 008.448, 016.384, 019.44,
020.48, 037.056, 044.736, 049.152, 051.84, 077.76, 125.0)
M equals MHZ and is added to all part numbers
Example: To order an SCG2000 with an Oscillator Output of 77.76 MHz,
Order part number SCG2000-077.76M
Please contact Connor-Winfield for other frequencies that may be available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com