Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3500 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 9Page - Connor-Winfield Corporation STC3500 Datasheet HTML 10Page - Connor-Winfield Corporation STC3500 Datasheet HTML 11Page - Connor-Winfield Corporation STC3500 Datasheet HTML 12Page - Connor-Winfield Corporation STC3500 Datasheet HTML 13Page - Connor-Winfield Corporation STC3500 Datasheet HTML 14Page - Connor-Winfield Corporation STC3500 Datasheet HTML 15Page - Connor-Winfield Corporation STC3500 Datasheet HTML 16Page - Connor-Winfield Corporation STC3500 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Preliminary Data Sheet: TM060
Page 13 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Detailed Description continued
Serial Bus Timing, Read Access
Figure 5
CS
SCLK
SDI
1
2
3
4
A0
A1
A2
A3
A4
A5
A6
5
6
7
8
13
14
15
16
9
10
11
12
0
D0
LSB
MSB
SDO
MSB
LSB
tDRDY
tCH
tCL
tCS
tRWs
tRWh
tCSMIN
tDHLD
tCSTRI
D1
D2
D3
D4
D5
D6
D7
CS
SCLK
SDI
tRWs
1
2
3
4
A0
A1
A2
A3
A4
A5
A6
5
6
7
8
13
14
15
16
9
10
11
12
1
tRWh
LSB
MSB
tCH
tCL
tCS
D0
D1
D2
D3
D4
D5
D6
D7
LSB
MSB
tCSMIN
Serial Bus Timing, Write Access
Figure 6
Serial Bus Timing
Table 7
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
tCS
CS low to SCLK low
10
-
-
ns
tCH
SCLK high time
25
-
-
ns
tCL
SCLK low time
25
-
-
ns
tRWs
Read/Write setup time
15
-
-
ns
tRWh
Read/Write hold time
15
-
-
ns
tDRDY
Data ready
-
-
25
ns
tDHLD
Data hold
15
-
-
nS
tCSTRI
Chip select to data tri-state
5
-
-
nS
tCSMIN
Minimum delay between successive accesses
300
-
-
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com