Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3500 Datasheet(PDF) 21 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 21 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 17Page - Connor-Winfield Corporation STC3500 Datasheet HTML 18Page - Connor-Winfield Corporation STC3500 Datasheet HTML 19Page - Connor-Winfield Corporation STC3500 Datasheet HTML 20Page - Connor-Winfield Corporation STC3500 Datasheet HTML 21Page - Connor-Winfield Corporation STC3500 Datasheet HTML 22Page - Connor-Winfield Corporation STC3500 Datasheet HTML 23Page - Connor-Winfield Corporation STC3500 Datasheet HTML 24Page - Connor-Winfield Corporation STC3500 Datasheet HTML 25Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Preliminary Data Sheet: TM060
Page 21 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Register Descriptions and Operation continued
Phase_Offset, 0x0e (R/W)
Bit 7 ~ Bit 0
The 2’s complement value of phase offset between Sync_8K and Xref, ranges from -32 nS to +31.75 nS
Positive Value: Sync_8K rising edge leads Xref
Negative Value: Sync_8K rising edge lags Xref
In slave mode, the slave’s outputs may be phase shifted -32nS to +31.75nS in .25nS increments, relative to Xref according to the
contents of the Phase_Offset register, to compensate for the path length of the Sync_8K or Sync_Clk to Xref connection.
If a phase offset is used, then the two STC3500 devices would typically be written to the appropriate phase offset values for the
respective path lengths of each Sync_8K or Sync_Clk to Xref connection, to ensure that the same relative output signal phases
will persist through master/slave switches.
Calibration, 0x0f (R/W)
Bit 7 ~ Bit 0
2’s complement value of local oscillator digital calibration in 0.05 ppm resolution
To digitally calibrate the free running clock synthesized from OCXO/TCXO, this register is written with a value corresponding to the
known frequency offset of the oscillator from the nominal center frequency.
Fr_Pulse_Width, 0x10 (R/W)
Bit 7 ~ Bit4
Bit 3 ~ Bit 0
Reserved
Pulse width for Sync_8K and Sync_2K clock outputs,
1-15 multiples of the Sync_Clk clock period.
Bits 4 and 5 of the Ctl_Mode register determine if the Sync_8K 8 kHz and/or Sync_2K 2 kHz outputs are 50% duty cycle or pulsed
(high going) outputs. When they are pulsed, the Fr_Pulse_Width register determines the width. Width is the register value multiple
of the Sync_Clk clock period. Valid values are 1 - 15. The same pulse width is applied to both Sync_8K and Sync_2K. Reset de-
fault is 0001. Writing to 0000 maps to 0001.
DPLL_Status, 0x11 (R)
Bit 7 ~ Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Hold Over
Hold Over
Locked
Loss of Lock
Loss of Signal
Build
Available
1: Locked
1: Loss of Lock
1: No activity
Complete
1: Avail.
0: Not locked
0: No loss of lock
on active
1: Hold Over
0: Not avail.
reference
history build
0: Active ref-
complete
erence signal
0: Hold Over
present
history build
not complete
Bit 0 indicates the presence of a signal on the selected reference.
Bit 1 indicates a loss of lock (LOL). Loss of lock will be asserted if lock is not achieved within the specified time for the stratum of
operation, or lock is lost after previously having been established. LOL will not be asserted for automatic reference switches.
Bit 2 indicates successful phase lock. It will typically be set in <100 seconds, with a good reference. It will indicate “not locked” if
lock is lost.
Bit 3 indicates if a Hold Over history is available.
Bit 4 indicates when a new Hold Over history has been successfully built and transferred to the active Hold Over history.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com