Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3500 Datasheet(PDF) 39 Page - Connor-Winfield Corporation

Part # STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Datasheet(HTML) 39 Page - Connor-Winfield Corporation

Back Button STC3500 Datasheet HTML 35Page - Connor-Winfield Corporation STC3500 Datasheet HTML 36Page - Connor-Winfield Corporation STC3500 Datasheet HTML 37Page - Connor-Winfield Corporation STC3500 Datasheet HTML 38Page - Connor-Winfield Corporation STC3500 Datasheet HTML 39Page - Connor-Winfield Corporation STC3500 Datasheet HTML 40Page - Connor-Winfield Corporation STC3500 Datasheet HTML 41Page - Connor-Winfield Corporation STC3500 Datasheet HTML 42Page - Connor-Winfield Corporation STC3500 Datasheet HTML 43Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Preliminary Data Sheet: TM060
Page 39 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Application Notes continued
Control Modes
The STC3500 device may be controlled and interfaced in a pure hardware mode with pin signals, or via SPI or parallel
bus/register access. With register access, the device can in turn be operated in a manual control mode, or automatic
control and reference selection mode. Hardware mode is most suitable for simple environments where minimal external
intelligence is desired. Register access provides more detailed visibility and control for references and general
synchronization operation. These three main operating environments are detailed as follows:
Hardware Control Interfaces
Figure 12
HM_Ref
M/S
Sel1
Sel2
Sel3
LOS
LOL
Hold_Avail
Reset
STC3500
Outputs
Inputs
Master/Slave
Reference/
Operational
Mode Select
Reset
Sel0
Vdd3.3
BITS_Sel
BITS output
frequency select
Hardware Control – The device interfaces for hardware control are shown in Figure 12.
Reset may be pulled low for a minimum of 100nS during chip start-up (or any other desired time) to initialize the full
device state. However, power-up will also perform a reset, so in a minimal configuration, Reset may be tied input high.
The BITS clock output frequency is selected by the BITS_Sel pin. When BITS_Sel = 1, the BITS frequency is 1.544
MHz, and when BITS_Sel = 0, the BITS frequency is 2.048 MHz.
M/S - Determines the master or slave mode. Set to “1” for a master, and “0” for a slave. Master/slave switches should
be performed with minimal delay between switching the states of each of the two devices. This can be easily
accomplished, for example, by controlling the master/slave state with a single signal, coupled to one of the devices
through an inverter.
For simplex operation, the device should be in Master mode - set M/S to “1”.
HM_Ref - Set to “1” for hardware control of reference selection and operational mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com