Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV57708 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV57708
Description  32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708 Datasheet(HTML) 2 Page - Supertex, Inc

  HV57708 Datasheet HTML 1Page - Supertex, Inc HV57708 Datasheet HTML 2Page - Supertex, Inc HV57708 Datasheet HTML 3Page - Supertex, Inc HV57708 Datasheet HTML 4Page - Supertex, Inc HV57708 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Symbol
Parameter
Min
Max
Units
V
DD
Logic supply voltage
4.5
5.5
V
VPP
Output voltage
8
80
V
V
IH
High-level input voltage
V
DD -0.5V
V
V
IL
Low-level input voltage
0
0.5
V
fCLK
Clock frequency per register
8
MHz
T
A
Operating free-air temperature
Plastic
-40
+85
°C
Ceramic
-55
+125
Note: Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
5. The VPP should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.
Electrical Characteristics (over recommended operating conditions unless noted, T
A=-40°C to +85°C)
DC Characteristics
Symbol
Parameter
Min
Max
Units
Conditions
IDD
VDD supply current
15
mA
VDD = VDD max
fCLK = 8MHz
I
PP
High voltage supply current
100
µA
Outputs high
100
µA
Outputs low
IDDQ
Quiescent VDD supply current
100
µA
All VIN = VDD
V
OH
High-level output
HV
OUT
65
V
I
O= -15mA, VPP = 80V
Data out
VDD - 0.5
V
IO= -100µA
VOL
Low-level output
HVOUT
7V
IO = 12mA, VPP = 80V
Data out
0.5
V
I
O= 100µA
IIH
High-level logic input current
1
µAVIH = VDD
IIL
Low-level logic input current
-1
µAVIL = 0V
V
OC
High voltage clamp diode
1
V
I
OC = 1mA
Recommended Operating Conditions
AC Characteristics (T
A = 85°C max. Logic signal inputs and Data inputs have tr, tf ≤ 5ns [10% and 90% points])
Symbol
Parameter
Min
Max
Units
Conditions
f
CLK
Clock frequency
8
MHz
Per Register
tWL,tWH
Clock width high or low
62
ns
tSU
Data set-up time before clock rises
10
ns
t
H
Data hold time after clock rises
15
ns
tON, tOFF
Time from latch enable to HVOUT
500
ns
CL = 15pF
t
DHL
Delay time clock to data high to low
70
ns
C
L = 15pF
t
DLH
Delay time clock to data low to high
70
ns
C
L = 15pF
tDLE*
Delay time clock to LE low to high
25
ns
t
WLE
Width of LE pulse
25
ns
t
SLE
LE set-up time before clock rises
0
ns
* t
DLE is not required but is recommended to produce stable HV outputs and thus minimize power dissipation and current spikes (allows internal SR output to stabilize).
HV57708



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com