Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV57708 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV57708
Description  32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708 Datasheet(HTML) 4 Page - Supertex, Inc

  HV57708 Datasheet HTML 1Page - Supertex, Inc HV57708 Datasheet HTML 2Page - Supertex, Inc HV57708 Datasheet HTML 3Page - Supertex, Inc HV57708 Datasheet HTML 4Page - Supertex, Inc HV57708 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
HV57708
HV
3
7
11
HV
63
HV
4
8
12
HV
64
HV
2
6
10
HV
62
HV
1
5
9
HV
61
POL
PP
V
OUT
BL
D 4
OUT
OUT
OUT
OUT
OUT
OUT
OUT
LE
I
D 4
O
SR4
SR3
SR2
SR1
CLK
DIR
GND
DD
V
D 3
O
D 2
O
D 1
O
D 3
I
D 2
I
D 1
I
D 1
O
D 2
O
D 3
O
D 4
O
D 1
I
D 2
I
D 3
I
D 4
I
Functional Block Diagram
Inputs
Outputs
Function
Shift Reg
HV Outputs
Data Out
All O/P High
X
X
X
L
L
X
H
All O/P Low
X
X
X
L
H
X
L
O/P Normal
X
X
X
H
H
X
No inversion
O/P Inverted
X
X
X
H
L
X
Inversion
L
HHH
X
L
L
H
HHH
X
H
H
LH
H
L
X
L
H
HH
H
L
X
H
L
Data Stored/
XX
LH
HX
*
Stored Data
Latches Loaded
XX
LH
LX
*
Inversion of
Stored Data
DI/O1-4A
H
H
H
H
Qn→ Qn +1
New H or L
DI/O1 – 4B
DI/O1-4A
L
H
H
H
Qn→ Qn +1
Previous
DI/O1 – 4B
H or L
DI/O1-4B
L
H
H
L
Qn→ Qn -1
Previous
DI/O1 – 4A
H or L
DI/O1-4B
H
H
H
L
Qn→ Qn -1
New H or L
DI/O1 – 4A
Data
CLK
LE
BL
POL
DIR
Note:
* = dependent on previous stage’s state. See Pin configuration for D
IN and DOUT pin designation for CW and CCW shift.
Function Table
I/O Relation
Note: Each SR (shift register) provides 16 outputs. SR1 supplies every fourth output starting with 1; SR2 supplies every fourth output with 2, etc.
Data Falls
Through
(Latches
Transparent)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com