Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV57708 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV57708
Description  32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708 Datasheet(HTML) 5 Page - Supertex, Inc

  HV57708 Datasheet HTML 1Page - Supertex, Inc HV57708 Datasheet HTML 2Page - Supertex, Inc HV57708 Datasheet HTML 3Page - Supertex, Inc HV57708 Datasheet HTML 4Page - Supertex, Inc HV57708 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06//02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV57708
65
80
1
24
25
40
41
64
Index
top view
80-pin Gullwing Package
4
23
32
25 26 27 28
36 37 38 39
4
DIR = H
DIR = L
DIR = H; CW (HVOUT1 → HVOUT64)
DIR = L; CCW (HVOUT64 → HVOUT1)
HVOUT32
HVOUT2
HVOUT1
HOUT33
HOUT63
HOUT64
Pin
1
1
SR1
SR2
SR3
SR4
Pin Configurations
HV577
80-pin Gullwing
Pin
Function
1HV
OUT 24/41
2HV
OUT 23/42
3HV
OUT 22/43
4HV
OUT 21/44
5HV
OUT 20/45
6HV
OUT 19/46
7HV
OUT 18/47
8HV
OUT 17/48
9HV
OUT 16/49
10
HV
OUT 15/50
11
HV
OUT 14/51
12
HV
OUT 13/52
13
HV
OUT 12/53
14
HV
OUT 11/54
15
HV
OUT 10/55
16
HV
OUT 9/56
17
HV
OUT 8/57
18
HV
OUT 7/58
19
HV
OUT 6/59
20
HV
OUT 5/60
21
HV
OUT 4/61
22
HV
OUT 3/62
23
HV
OUT 2/63
24
HVOUT 1/64
25
DIN 1/DOUT 4(A)
26
DIN 2/DOUT 3(A)
27
DIN 3/DOUT 2(A)
28
DIN 4/DOUT 1(A)
29
LE
30
CLK
31
BL
32
VDD
33
DIR
34
GND
35
POL
36
DOUT 4/DIN 1(B)
37
DOUT 3/DIN 2(B)
38
DOUT 2/DIN 3(B)
39
DOUT 1/DIN 4(B)
40
VPP
Package Outline
Note: Pin designation for DIR = H/L.
Example: For DIR = H, pin 41 is HVOUT 64.
For DIR = L, pin 41 is HVOUT 1.
For CW/CCW Shift see function table QN → QN+1.
41
HVOUT 64/1
42
HVOUT 63/2
43
HVOUT 62/3
44
HVOUT 61/4
45
HVOUT 60/5
46
HVOUT 59/6
47
HVOUT 58/7
48
HVOUT 57/8
49
HVOUT 56/9
50
HVOUT 55/10
51
HVOUT 54/11
52
HVOUT 53/12
53
HVOUT 52/13
54
HVOUT 51/14
55
HVOUT 50/15
56
HVOUT 49/16
57
HVOUT 48/17
58
HVOUT 47/18
59
HVOUT 46/19
60
HVOUT 45/20
61
HVOUT 44/21
62
HVOUT 43/22
63
HVOUT 42/23
64
HVOUT 41/24
65
HVOUT 40/25
66
HVOUT 39/26
67
HVOUT 38/27
68
HVOUT 37/28
69
HVOUT 36/29
70
HVOUT 35/30
71
HVOUT 34/31
72
HVOUT 33/32
73
HVOUT 32/33
74
HVOUT 31/34
75
HVOUT 30/35
76
HVOUT 29/36
77
HVOUT 28/37
78
HVOUT 27/38
79
HVOUT 26/39
80
HVOUT 25/40
Pin
Function



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com